Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7201TRPBF. Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7201TRPBF.
Description  Generation V Technology
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7201TRPBF. Datasheet(HTML) 1 Page - International Rectifier

  IRF7201TRPBF. Datasheet HTML 1Page - International Rectifier IRF7201TRPBF. Datasheet HTML 2Page - International Rectifier IRF7201TRPBF. Datasheet HTML 3Page - International Rectifier IRF7201TRPBF. Datasheet HTML 4Page - International Rectifier IRF7201TRPBF. Datasheet HTML 5Page - International Rectifier IRF7201TRPBF. Datasheet HTML 6Page - International Rectifier IRF7201TRPBF. Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Parameter
Max.
Units
VDS
Drain- Source Voltage
30
V
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
7.3
ID @ TC = 70°C
Continuous Drain Current, VGS @ 10V
5.8
A
IDM
Pulsed Drain Current

58
PD @TC = 25°C
Power Dissipation
2.5
PD @TC = 70°C
Power Dissipation
1.6
Linear Derating Factor
0.02
W/°C
VGS
Gate-to-Source Voltage
± 20
V
VGSM
Gate-to-Source Voltage Single Pulse tp<10µs
30
V
EAS
Single Pulse Avalanche Energy
‚
70
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
HEXFET® Power MOSFET
Fifth Generation HEXFET® power MOSFETs from
International Rectifier utilize advanced processing
techniques to achieve extremely low on-resistance
per silicon area. This benefit, combined with the fast
switching speed and ruggedized device design that
HEXFET MOSFETs are well known for, provides the
designer with an extremely efficient and reliable device
for use in a wide variety of applications.
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
multiple-die capability making it ideal in a variety of
power applications. With these improvements, multiple
devices can be used in an application with dramatically
reduced board space. The package is designed for
vapor phase, infra red, or wave soldering techniques.
Power dissipation of greater than 0.8W is possible in
a typical PCB mount application.
VDSS = 30V
RDS(on) = 0.030Ω
l Generation V Technology
l Ultra Low On-Resistance
l N-Channel MOSFET
l Surface Mount
l Available in Tape & Reel
l Dynamic dv/dt Rating
l Fast Switching
l Lead-Free
IRF7201PbF
Description
Top View
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
9/30/04
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
…
–––
50
°C/W
Thermal Resistance
Absolute Maximum Ratings
W
www.irf.com
1
SO-8
PD- 95022


Similar Part No. - IRF7201TRPBF.

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7201TR IRF-IRF7201TR Datasheet
119Kb / 7P
Generation V Technology
More results

Similar Description - IRF7201TRPBF.

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML6302TR IRF-IRLML6302TR Datasheet
285Kb / 8P
generation v technology
IRF7304TR IRF-IRF7304TR Datasheet
115Kb / 9P
Generation V Technology
IRF7343TRPBF IRF-IRF7343TRPBF Datasheet
225Kb / 10P
generation v technology
IRF7301PBF IRF-IRF7301PBF_15 Datasheet
243Kb / 9P
GENERATION V TECHNOLOGY
IRF7307PBF IRF-IRF7307PBF_15 Datasheet
287Kb / 10P
GENERATION V TECHNOLOGY
IRF7316PBF IRF-IRF7316PBF_15 Datasheet
209Kb / 7P
GENERATION V TECHNOLOGY
IRF7317PBF IRF-IRF7317PBF_15 Datasheet
241Kb / 10P
GENERATION V TECHNOLOGY
IRF7389PBF IRF-IRF7389PBF_15 Datasheet
264Kb / 10P
GENERATION V TECHNOLOGY
IRF7606PBF IRF-IRF7606PBF_15 Datasheet
189Kb / 7P
Generation V Technology
IRLMS1902PBF IRF-IRLMS1902PBF_15 Datasheet
197Kb / 8P
GENERATION V TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com