Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F7313 Datasheet(PDF) 2 Page - International Rectifier

Part # F7313
Description  GENERATION V TECHNOLOGY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

F7313 Datasheet(HTML) 2 Page - International Rectifier

  F7313 Datasheet HTML 1Page - International Rectifier F7313 Datasheet HTML 2Page - International Rectifier F7313 Datasheet HTML 3Page - International Rectifier F7313 Datasheet HTML 4Page - International Rectifier F7313 Datasheet HTML 5Page - International Rectifier F7313 Datasheet HTML 6Page - International Rectifier F7313 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRF7313PbF
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode) 
p-n junction diode.
VSD
Diode Forward Voltage
––– 0.78 1.0
V
TJ = 25°C, IS = 1.7A, VGS = 0V ƒ
trr
Reverse Recovery Time
–––
45
68
ns
TJ = 25°C, IF = 1.7A
Qrr
Reverse RecoveryCharge
–––
58
87
nC
di/dt = 100A/µs ƒ
Source-Drain Ratings and Characteristics
––– –––
––– –––
30
2.5
A
S
D
G
… Surface mounted on FR-4 board, t ≤ 10sec.
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ƒ ISD ≤ 4.0A, di/dt ≤ 74A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
Notes:
‚ Starting TJ = 25°C, L = 10mH
RG = 25Ω, IAS = 4.0A.
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
30
––– –––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– 0.022 –––
V/°C Reference to 25°C, ID = 1mA
––– 0.023 0.029
VGS = 10V, ID = 5.8A „
––– 0.032 0.046
VGS = 4.5V, ID = 4.7A „
VGS(th)
Gate Threshold Voltage
1.0 ––– –––
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
–––
14
–––
S
VDS = 15V, ID = 5.8A
––– ––– 1.0
VDS = 24V, VGS = 0V
––– –––
25
VDS = 24V, VGS = 0V, TJ = 55°C
Gate-to-Source Forward Leakage
––– ––– 100
VGS = 20V
Gate-to-Source Reverse Leakage
––– ––– -100
VGS = -20V
Qg
Total Gate Charge
–––
22
33
ID = 5.8A
Qgs
Gate-to-Source Charge
––– 2.6
3.9
nC
VDS = 15V
Qgd
Gate-to-Drain ("Miller") Charge
––– 6.4
9.6
VGS = 10V, See Fig. 10 „
td(on)
Turn-On Delay Time
––– 8.1
12
VDD = 15V
tr
Rise Time
––– 8.9
13
ID = 1.0A
td(off)
Turn-Off Delay Time
–––
26
39
RG = 6.0Ω
tf
Fall Time
–––
17
26
RD = 15Ω „
Ciss
Input Capacitance
––– 650 –––
VGS = 0V
Coss
Output Capacitance
––– 320 –––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
––– 130 –––
ƒ = 1.0MHz, See Fig. 9
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
µA
Ω
RDS(on)
Static Drain-to-Source On-Resistance
IDSS
Drain-to-Source Leakage Current
nA
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com