Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPS8550SC Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # MPS8550SC
Description  EPITAXIAL PLANAR PNP TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MPS8550SC Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  MPS8550SC Datasheet HTML 1Page - KEC(Korea Electronics) MPS8550SC Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2015. 5. 12
1/2
SEMICONDUCTOR
TECHNICAL DATA
MPS8550SC
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 0
HIGH CURRENT APPLICATION.
FEATURE
・Complementary to MPS8050SC.
MAXIMUM RATING (Ta=25
℃)
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector-Base Breakdown Voltage
V(BR)CBO
IC=-0.1mA, IE=0
-40
-
-
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-1mA, IB=0
-25
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=-0.1mA, IC=0
-5
-
-
V
Collector Cut-off Current
ICBO
VCB=-35V, IE=0
-
-
-0.1
uA
Emitter Cut-off Current
IEBO
VEB=-4V, IC=0
-
-
0.1
uA
DC Current Gain
hFE
VCE=-1V, IC=-100mA
200
-
300
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-800mA, IB=-80mA
-
-
-0.5
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=-800mA, IB=-80mA
-
-
-1.2
V
Transition Frequency
fT
VCE=-6V, IC=-20mA, f=30MHz
150
-
-
MHz
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-25
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-1,200
mA
Collector Power Dissipation
PC *
350
mW
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55
~150
℃
* PC : Package Mounted On 99.5% Alumina (10×8×0.6㎜)


Similar Part No. - MPS8550SC

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
MPS8550S KEC-MPS8550S Datasheet
390Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
MPS8550S KEC-MPS8550S_15 Datasheet
356Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR
More results

Similar Description - MPS8550SC

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com