Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP41CF Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # TIP41CF
Description  EPITAXIAL PLANAR NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

TIP41CF Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  TIP41CF_15 Datasheet HTML 1Page - KEC(Korea Electronics) TIP41CF_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2007.5. 21
2/2
TIP41CF
Revision No : 0
0
10
30
10
3
1
COLLECTOR CURRENT I
(mA)
C
0
AMBIENT TEMPERATURE Ta ( C)
C
P
- Ta
V
, V
- I
h
- I
C
COLLECTOR CURRENT I
(mA)
1
1k
1
COLLECTOR-EMITTER VOLTAGE V
(V)
SAFE OPERATING AREA
1
10
300
30
CE
FE
C
3
1030
100
300
1k3k
10k
3
10
30
100
300
CE(sat)
BE(sat)
C
100
300
1k
3k
10k
30
100
300
1k
3k
10k
VBE(sat)
VCE(sat)
50
100
150
200
5
10
15
20
25
30
3100
0.1
0.3
1
3
10
30
I
MAX.(PULSE)
C
C
I
MAX.
(CONTIN
-UOUS)
*
SINGLE NONREPETITIVE
PULSE Tc=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
*
*
*
*
DC
OPERATIN
G
V
=4V
CE
I
/I
=10
C
B



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com