Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHA1101D Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFHA1101D
Description  Advanced GaN HEMT Technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA1101D Datasheet(HTML) 5 Page - RF Micro Devices

  RFHA1101D Datasheet HTML 1Page - RF Micro Devices RFHA1101D Datasheet HTML 2Page - RF Micro Devices RFHA1101D Datasheet HTML 3Page - RF Micro Devices RFHA1101D Datasheet HTML 4Page - RF Micro Devices RFHA1101D Datasheet HTML 5Page - RF Micro Devices RFHA1101D Datasheet HTML 6Page - RF Micro Devices RFHA1101D Datasheet HTML 7Page - RF Micro Devices RFHA1101D Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131025
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
5 of 8
RFHA1101D
3Typical Performance at 2.7GHz When Matched to a Match Point Located Midway Between
Points of Maximum Gain and Maximum Efficiency
[4] Test Conditions: CW Operation, f = 2700MHz, VDSQ = 28V, IDQ = 44.4mA, TAMBIENT = 25ºC, measured with probes on-wafer, in
Maury Microwave Load Pull Test System.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com