Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFVC1801TR7 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFVC1801TR7
Description  Wideband MMIC VCO with Buffer Amplifier 5GHz to 10GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFVC1801TR7 Datasheet(HTML) 4 Page - RF Micro Devices

  RFVC1801TR7 Datasheet HTML 1Page - RF Micro Devices RFVC1801TR7 Datasheet HTML 2Page - RF Micro Devices RFVC1801TR7 Datasheet HTML 3Page - RF Micro Devices RFVC1801TR7 Datasheet HTML 4Page - RF Micro Devices RFVC1801TR7 Datasheet HTML 5Page - RF Micro Devices RFVC1801TR7 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140501
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
4 of 6
RFVC1801
Pin Out
Pin Names and Descriptions
Pin
Name
Description
1-3
N/C
No internal connection. Connect to PCB ground.
4
VTUNE
VCO control voltage input.
5-11
N/C
No internal connection. Connect to PCB ground.
12
VS
Supply voltage input for the VCO and Buffer stage.
13
N/C
No internal connection. Connect to PCB ground.
14
GND
Pin internally bonded to package paddle. Connect to PCB ground.
15
RFOUT
VCO RF output. Pin is internally DC-blocked.
16
GND
Pin internally bonded to package paddle. Connect to PCB ground.
17-24
N/C
No internal connection. Connect to PCB ground.
PADDLE
GND
Exposed paddle on backside needs to be soldered to PCB ground.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com