Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFOS601X Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFOS601X
Description  Superior Return Loss Performance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFOS601X Datasheet(HTML) 1 Page - RF Micro Devices

  RFOS601X Datasheet HTML 1Page - RF Micro Devices RFOS601X Datasheet HTML 2Page - RF Micro Devices RFOS601X Datasheet HTML 3Page - RF Micro Devices RFOS601X Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140306
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 4
RFOS601X
GaAs Optical Receiver
45MHz to 1200MHz
RFOS601X is a hybrid high dynamic range optical receiver
module. Two of the module pins are for connection to 24V (DC),
one for amplifier supply voltage, the other for the PIN diode bias.
The module contains a single mode optical input suitable for
wavelengths from 1290nm to 1600nm, a terminal to monitor the
PIN diode current and an electrical output with an impedance of
75Ω.
Package: SOT-115J
Features
Superior Return Loss Performance
Extremely Low Distortion
Optimal Reliability
Very Low EINC
30.0dB A/W Min. at 1200MHz
250mA Max. at 24V+
Applications
45MHz to 1200MHz CATV
Amplifier Systems
Ordering Information
RFOS6012
Box with 3 Pieces
RFOS6013
Box with 3 Pieces
See Page 3
Absolute Maximum Ratings
Parameter
Rating
Unit
Optical Input Power
5
mW
DC Supply Over-Voltage (5 minutes)
30
V
ESD Sensitivity, Acc. MIL-Standard 1686C
(human body model; R = 1.5k
Ω, C = 100pF)
500
V
Storage Temperature
-40 to +85
°C
Operating Mounting Base Temperature
-20 to +85
°C
Minimum Fiber Bending Radius
35
mm
Maximum Tensile Strength
5
N
Caution! ESD sensitive device.
RoHS (Restriction of Hazardous
Substances): Compliant per EU Directive
2011/65/EU.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
V+
OPTICAL INPUT
OUTPUT
BIAS
MONITOR
RFOS601X


Similar Part No. - RFOS601X

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFOS601X QORVO-RFOS601X Datasheet
351Kb / 4P
GaAs Optical Receiver 45MHz to 1200MHz
More results

Similar Description - RFOS601X

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
OR3005230W PDI-OR3005230W Datasheet
159Kb / 4P
Superior return loss performance
OS10040280G PDI-OS10040280G Datasheet
161Kb / 5P
Superior return loss performance
OS10040280GW PDI-OS10040280GW Datasheet
159Kb / 5P
Superior return loss performance
logo
List of Unclassifed Man...
1505ABHDL ETC2-1505ABHDL Datasheet
896Kb / 4P
Improved insulator materials sustain maximum return loss performance
logo
Maxim Integrated Produc...
MAX4888B MAXIM-MAX4888B Datasheet
1Mb / 10P
Superior Bandwidth Return Loss
Rev 0; 12/10
logo
TT Electronics.
CAR TTELEC-CAR Datasheet
310Kb / 3P
Superior moisture performance
logo
E&E Magnetic Products L...
824-00305R EEMAGNETIC-824-00305R Datasheet
623Kb / 3P
Excellent crosstalk and return loss performance
824-00166 EEMAGNETIC-824-00166 Datasheet
142Kb / 3P
Enhanced crosstalk and return loss performance
824-00261F EEMAGNETIC-824-00261F Datasheet
111Kb / 2P
Enhanced crosstalk and return loss performance
824-00270 EEMAGNETIC-824-00270 Datasheet
64Kb / 2P
Enhanced crosstalk and return loss performance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com