Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFVC1803 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFVC1803
Description  Wideband Performance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFVC1803 Datasheet(HTML) 1 Page - RF Micro Devices

  RFVC1803 Datasheet HTML 1Page - RF Micro Devices RFVC1803 Datasheet HTML 2Page - RF Micro Devices RFVC1803 Datasheet HTML 3Page - RF Micro Devices RFVC1803 Datasheet HTML 4Page - RF Micro Devices RFVC1803 Datasheet HTML 5Page - RF Micro Devices RFVC1803 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140501
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 6
RFVC1803
Wideband MMIC VCO with Buffer Amplifier
6GHz to 9GHz
RFMD’s RFVC1803 wideband voltage controlled oscillator is a
GaAs InGaP HBT MMIC with integrated VCO core and RF
output buffer. The part operates from a single +5V supply for
circuit bias and 0V to +15V VTUNE for frequency control. The
RFVC1803 is a RoHS compliant, compact QFN, 4mm x 4mm
package that offers low phase noise and low power
consumption.
Ordering Information
RFVC1803S2
Sample bag with 2 pieces
RFVC1803SB
Bag with 5 pieces
RFVC1803SQ
Bag with 25 pieces
RFVC1803SR
7" Reel with 100 pieces
RFVC1803TR7
7" Reel with 750 pieces
RFVC1803TR13
13" Reel with 2500 pieces
RFVC1803PCK-410
Populated evaluation board with 2 piece sample bag
Package: QFN,
4mm x 4mm x 1.1mm
Features
■
Wideband Performance
■
POUT +3.5dBm Typ.
■
External Resonator Not
Required
■
Single Bias Supply: +5V at
53mA
■
Output Phase Noise: -97dBc/Hz
at 100kHz
■
Low Profile 4mm x 4mm QFN
Package
Applications
■
Military - Radar,
Communications, ECM/IED
■
Satcomm - Communication
Modems
■
Test Instrumentation
■
Industrial/Medical Equipment
Functional Block Diagram
RFVC1803
Functional Block Diagram


Similar Part No. - RFVC1803

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFVC1800 RFMD-RFVC1800 Datasheet
953Kb / 6P
WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 8 GHz to 12 GHz
RFVC1800PCK-410 RFMD-RFVC1800PCK-410 Datasheet
953Kb / 6P
WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 8 GHz to 12 GHz
RFVC1800PCK-410 RFMD-RFVC1800PCK-410 Datasheet
656Kb / 6P
Wideband MMIC VCO with Buffer Amplifier 8GHz to 12GHz
RFVC1800S2 RFMD-RFVC1800S2 Datasheet
953Kb / 6P
WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 8 GHz to 12 GHz
RFVC1800S2 RFMD-RFVC1800S2 Datasheet
656Kb / 6P
Wideband MMIC VCO with Buffer Amplifier 8GHz to 12GHz
More results

Similar Description - RFVC1803

ManufacturerPart #DatasheetDescription
logo
Analog Devices
CN-0227 AD-CN-0227 Datasheet
269Kb / 5P
High Performance, 16-Bit, 250 MSPS Wideband Receiver with Antialiasing Filter
REV. A
logo
Coilcraft lnc.
WB2010-1-SMLB COILCRAFT-WB2010-1-SMLB Datasheet
212Kb / 5P
Wideband Transformers
logo
RF Micro Devices
RF2051 RFMD-RF2051 Datasheet
1Mb / 39P
HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXERS
RF2052 RFMD-RF2052 Datasheet
1Mb / 37P
HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
logo
Texas Instruments
LMX2582 TI1-LMX2582 Datasheet
1Mb / 40P
High Performance, Wideband PLLatinum RF Synthesizer
LMX2592 TI1-LMX2592 Datasheet
1Mb / 40P
High Performance, Wideband PLLatinum RF Synthesizer
logo
RFHIC
RFC1G21H4 RFHIC-RFC1G21H4_17 Datasheet
1,000Kb / 5P
Wideband Amplifier
logo
Taoglas antenna solutio...
GA110101111 TAOGLAS-GA110101111 Datasheet
1Mb / 12P
Magnetic UltraMount Ultra-Wideband Wideband Antenna
logo
Qorvo, Inc
RF2052 QORVO-RF2052 Datasheet
1Mb / 37P
HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
RF2051 QORVO-RF2051 Datasheet
1Mb / 39P
HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com