Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFVC1821 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFVC1821
Description  Low Noise MMIC VCO with Buffer Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFVC1821 Datasheet(HTML) 4 Page - RF Micro Devices

  RFVC1821 Datasheet HTML 1Page - RF Micro Devices RFVC1821 Datasheet HTML 2Page - RF Micro Devices RFVC1821 Datasheet HTML 3Page - RF Micro Devices RFVC1821 Datasheet HTML 4Page - RF Micro Devices RFVC1821 Datasheet HTML 5Page - RF Micro Devices RFVC1821 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140501
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
4 of 6
RFVC1821
Pin Names and Descriptions
Pin
Name
Description
Interface Schematic
1-14
N/C
No internal connection. Connect to PCB ground.
15
GND
Connect directly to PCB ground for best performance.
16
RFOUT
RF out. This pad is AC coupled and matched for optimum POUT. A
50
Ω termination is recommended for this pin.
17-19
N/C
No internal connection. Connect to PCB ground.
20
VCC
Connect 3V to power both the oscillator core and the buffer
amplifier.
21
N/C
No internal connection. Connect to PCB ground.
22
VTUNE
Direct connection to the varactor diodes used to vary the frequency
of oscillation.
23-24
N/C
No internal connection. Connect to PCB ground.
PKG BASE
GND
Ground connection. Solder package bottom directly to ground
plane for best performance.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com