Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFVC1823 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFVC1823
Description  Low Noise MMIC VCO with Buffer Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFVC1823 Datasheet(HTML) 2 Page - RF Micro Devices

  RFVC1823 Datasheet HTML 1Page - RF Micro Devices RFVC1823 Datasheet HTML 2Page - RF Micro Devices RFVC1823 Datasheet HTML 3Page - RF Micro Devices RFVC1823 Datasheet HTML 4Page - RF Micro Devices RFVC1823 Datasheet HTML 5Page - RF Micro Devices RFVC1823 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140501
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 6
RFVC1823
Absolute Maximum Ratings
Parameter
Rating
Unit
Bias Voltage (VDD)
+3.25
VDC
VTUNE (VT)
14
VDC
Operating Junction Temperature (TJ)
97
°C
Continuous Power Dissipation (T = +85°C)
200
mW
Thermal Resistance (Pad to Die Bottom)
10
°C/W
Operating Temperature Range
-40 to +85
°C
Storage Temperature Range
-55 to +150
°C
ESD JESD22-A114 Human Body Model (HBM)
Class 0, 150V
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
General Performance
TA = +25°C, VCC = +3.0VDC
Operating Frequency
6.1
6.75
GHz
Tuning Voltage (VTUNE)
0
10
V
VTUNE Leakage Current
0.275
50
µA
At VTUNE = 10V
Output Power
5
8.0
dBm
At VTUNE = 5V
Phase Noise at 10kHz Offset
-76
dBc/Hz
Phase Noise at 100kHz Offset
-101
dBc/Hz
Harmonics
2
nd
-25
dBc
At VTUNE = 5V
3
rd
-31
dBc
Output Spurious
-70
dBc
RF Output Return Loss
10
dB
Supply Current
37
45
mA
At VTUNE = 5V
Pulling
1.4
MHz
VSWR 2.5:1 all phases
Pushing
10
MHz/V
At VTUNE = 5V
Frequency Drift Rate
-0.50
MHz/°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com