Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFVC1829 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFVC1829
Description  Low Noise MMIC VCO with Buffer Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFVC1829 Datasheet(HTML) 1 Page - RF Micro Devices

  RFVC1829 Datasheet HTML 1Page - RF Micro Devices RFVC1829 Datasheet HTML 2Page - RF Micro Devices RFVC1829 Datasheet HTML 3Page - RF Micro Devices RFVC1829 Datasheet HTML 4Page - RF Micro Devices RFVC1829 Datasheet HTML 5Page - RF Micro Devices RFVC1829 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150402
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 6
RFVC1829
Low Noise MMIC VCO with Buffer Amplifier
RFMD’s RFVC1829 is a 3V InGaP MMIC VCO with an integrated
buffer amplifier operating over a frequency range of 6.8GHz to 7.4GHz.
Its monolithic tuning structure provides excellent temperature, shock, and
vibration performance while its integrated buffer amplifier provides an
output power of +12dBm from a 3V supply. Phase noise is -103dBc/Hz at
100kHz offset. The RFVC1829 is available in a low cost leadless ceramic
4mm x 4mm surface mount QFN outline.
Functional Block Diagram
Ordering Information
RFVC1829S2
Sample bag with 2 pieces
RFVC1829SB
Bag with 5 pieces
RFVC1829SQ
Bag with 25 pieces
RFVC1829SR
7" Reel with 100 pieces
RFVC1829TR7
7" Reel with 750 pieces
RFVC1829PCK-410
PCBA with 2-piece sample bag
Package: QFN, 24-pin,
4mm x 4mm
Features
6.8GHz to 7.4GHz Operation
-103dBc/Hz Phase Noise at
100kHz Offset
+12.0dBm POUT
No External Resonator or
Elements Needed
4mm x 4mm QFN Package
3V VCC Operation
Applications
Instrumentation
Military
Aerospace
Point-to-Point Radio
Test Equipment
VSAT
CATV
RFVC1829


Similar Part No. - RFVC1829

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFVC1821 RFMD-RFVC1821 Datasheet
435Kb / 6P
Low Noise MMIC VCO with Buffer Amplifier
RFVC1822 RFMD-RFVC1822 Datasheet
671Kb / 6P
Low Noise MMIC VCO with Buffer Amplifier
RFVC1823 RFMD-RFVC1823 Datasheet
571Kb / 6P
Low Noise MMIC VCO with Buffer Amplifier
RFVC1824 RFMD-RFVC1824 Datasheet
652Kb / 6P
Low Noise MMIC VCO with Buffer Amplifier
RFVC1825 RFMD-RFVC1825 Datasheet
662Kb / 6P
Low Noise MMIC VCO with Buffer Amplifier
More results

Similar Description - RFVC1829

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
V320SM BOWEI-V320SM Datasheet
123Kb / 1P
Ultra Low phase noise VCO with built-in buffer amplifier
V1900SM BOWEI-V1900SM Datasheet
105Kb / 1P
Ultra Low phase noise VCO with built-in buffer amplifier
logo
RF Micro Devices
RFVC1821 RFMD-RFVC1821 Datasheet
435Kb / 6P
Low Noise MMIC VCO with Buffer Amplifier
RFVC1822 RFMD-RFVC1822 Datasheet
671Kb / 6P
Low Noise MMIC VCO with Buffer Amplifier
RFVC1823 RFMD-RFVC1823 Datasheet
571Kb / 6P
Low Noise MMIC VCO with Buffer Amplifier
RFVC1824 RFMD-RFVC1824 Datasheet
652Kb / 6P
Low Noise MMIC VCO with Buffer Amplifier
RFVC1825 RFMD-RFVC1825 Datasheet
662Kb / 6P
Low Noise MMIC VCO with Buffer Amplifier
logo
Analog Devices
HMC429LP4 AD-HMC429LP4 Datasheet
680Kb / 6P
Low noise MMIC VCO w/Buffer Amplifi er for
HMC6380LC4B AD-HMC6380LC4B Datasheet
439Kb / 6P
WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER
HMC6475LC4B AD-HMC6475LC4B Datasheet
583Kb / 4P
WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com