Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFVC1832B Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFVC1832B
Description  Multiple Frequency Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFVC1832B Datasheet(HTML) 2 Page - RF Micro Devices

  RFVC1832B Datasheet HTML 1Page - RF Micro Devices RFVC1832B Datasheet HTML 2Page - RF Micro Devices RFVC1832B Datasheet HTML 3Page - RF Micro Devices RFVC1832B Datasheet HTML 4Page - RF Micro Devices RFVC1832B Datasheet HTML 5Page - RF Micro Devices RFVC1832B Datasheet HTML 6Page - RF Micro Devices RFVC1832B Datasheet HTML 7Page - RF Micro Devices RFVC1832B Datasheet HTML 8Page - RF Micro Devices RFVC1832B Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140424
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 10
RFVC1832B
Absolute Maximum Ratings
Parameter
Rating
Unit
VCC_OSC, VCC_DIG
+5.5
V
VTUNE
0 to +15
V
Junction Temperature (TJ)
135
°C
Continuous PDISS (TA = 85°C) (derate 37mW/°C above TA = 85°C)
1.65
W
Junction to Case, Thermal Resistance (Rθ(j-a))
30
°C/W
Storage Temperature
-65 to +150
°C
Operating Temperature
-40 to +85
°C
ESD Sensitivity (HBM)
Class 1A
Caution! ESD sensitive device.
RFMD Green: RoHS compliant per EU
Directive 2011/65/EU, halogen free per
IEC 61249-2-21, <1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Electrical Specifications
VCC = 5V, TA = +25°C
Operating Frequency
Fo
8.15
8.88
GHz
Fo/2
4.07
4.44
GHz
Fo/4
2.03
2.22
GHz
Output Power
Fo
9
dBm
Fo/2
5
dBm
Fo/4
-2
dBm
SSB Phase Noise
10 kHz offset at RFOUT
-90
-78
dBc/Hz
VTUNE = 5V
100 kHz offset at RFOUT
-115
-105
dBc/Hz
Tune Voltage
1.5
11.7
V
Supply Voltage (Oscillator and
Divider)
5
V
Supply Current
VCC_OSC
180
mA
VCC_DIG
60
mA
Tune Port Leakage Current
10
µA
Output Return Loss
6
dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com