Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFVC1839 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFVC1839
Description  Multiple Frequency Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFVC1839 Datasheet(HTML) 3 Page - RF Micro Devices

  RFVC1839 Datasheet HTML 1Page - RF Micro Devices RFVC1839 Datasheet HTML 2Page - RF Micro Devices RFVC1839 Datasheet HTML 3Page - RF Micro Devices RFVC1839 Datasheet HTML 4Page - RF Micro Devices RFVC1839 Datasheet HTML 5Page - RF Micro Devices RFVC1839 Datasheet HTML 6Page - RF Micro Devices RFVC1839 Datasheet HTML 7Page - RF Micro Devices RFVC1839 Datasheet HTML 8Page - RF Micro Devices RFVC1839 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140428
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 10
Parameter
Specification
Unit
Condition
Min
Typ
Max
Electrical Specifications
(continued)
VCC = 5V, TA = +25°C
Harmonics/Sub-harmonics
Measured with RF probes at package, not at SMA connections on EVB
1/2
40
dBc
3/2
35
dBc
2
nd
8.5
dBc
3
rd
18
dBc
Pulling (into a 2.0:1 VSWR)
5
MHz pp
Pushing
30
MHz/V
Frequency Drift Rate
1.1
MHz/°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com