Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1704V-R1 Datasheet(PDF) 11 Page - New Japan Radio

Part # NJG1704V-R1
Description  800MHz BAND FRONT-END GaAs MMIC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1704V-R1 Datasheet(HTML) 11 Page - New Japan Radio

Back Button NJG1704V-R1 Datasheet HTML 7Page - New Japan Radio NJG1704V-R1 Datasheet HTML 8Page - New Japan Radio NJG1704V-R1 Datasheet HTML 9Page - New Japan Radio NJG1704V-R1 Datasheet HTML 10Page - New Japan Radio NJG1704V-R1 Datasheet HTML 11Page - New Japan Radio NJG1704V-R1 Datasheet HTML 12Page - New Japan Radio NJG1704V-R1 Datasheet HTML 13Page - New Japan Radio NJG1704V-R1 Datasheet HTML 14Page - New Japan Radio NJG1704V-R1 Datasheet HTML 15Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
NJG1704V
- 11 -
nTYPICAL CHARACTERISTICS (LNA)
nTYPICAL CHARACTERISTICS (MIXER)
Condition
VLNA=2.7V
VMIX=VLO=0V
Condition
fRF=820.0+820.1MHz
VLNA=2.7V
VMIX=VLO=0V
0
0.5
1
1.5
2
2.5
3
780
800
820
840
860
880
900
920
Noise Figure vs. RF Frequency
RF Frequency (MHz)
NF
-80
-60
-40
-20
0
20
-40
-35
-30
-25
-20
-15
-10
-5
0
Pout , IM3 vs. RF Power
RF Power (dBm)
Pout
IM3
Condition
fIF=130MHz
PRF=-30dBm
PLO=-10dBm
VLNA=0V
VMIX=VLO=2.7V
Condition
fIF=130MHz
fRF=820MHz, PRF=-30dBm
fLO=690MHz
VLNA=0V
VMIX=VLO=2.7V
2
4
6
8
10
12
14
3
4
5
6
7
8
9
780
800
820
840
860
880
900
920
Conversion Gain , Noise Figure
vs. RF Frequency
RF Frequency (MHz)
Gc
NF
-80
-60
-40
-20
0
20
-40
-35
-30
-25
-20
-15
-10
-5
0
IF , IM3 vs. RF Power
RF Power (dBm)
IF
IM3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com