Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGC2463Z Datasheet(PDF) 2 Page - RF Micro Devices

Part # SGC2463Z
Description  50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGC2463Z Datasheet(HTML) 2 Page - RF Micro Devices

  SGC2463Z Datasheet HTML 1Page - RF Micro Devices SGC2463Z Datasheet HTML 2Page - RF Micro Devices SGC2463Z Datasheet HTML 3Page - RF Micro Devices SGC2463Z Datasheet HTML 4Page - RF Micro Devices SGC2463Z Datasheet HTML 5Page - RF Micro Devices SGC2463Z Datasheet HTML 6Page - RF Micro Devices SGC2463Z Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2 of 7
DS140429
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGC2463Z
=
Typical RF Performance with Application Circuit at Key Operating Frequencies (Bias Tees)
Typical Performance with Bias Tee, VD=3V, ID=25mA
Absolute Maximum Ratings
Parameter
Rating
Unit
Device Current (ICE)55
mA
Device Voltage (VCE)4
V
RF Input Power* (See Note)
12
dBm
Junction Temp (TJ)+150
°C
Operating Temp Range (TL)
-55 to +105
°C
Storage Temp
+150
°C
ESD Rating - Human Body Model
(HBM)
Class 1C
Moisture Sensitivity Level
MSL 1
*Note: Load condition ZL=50
Operation of this device beyond any one of these limits may cause permanent dam-
age. For reliable continuous operation, the device voltage and current must not
exceed the maximum operating values specified in the table on page one.
Bias Conditions should also satisfy the following expression:
IDVD<(TJ-TL)/RTH, j-l and TL=TLEAD
Parameter
Unit
100
MHz
500
MHz
850
MHz
1950
MHz
2400
MHz
3500
MHz
Small Signal Gain (G)
dB
21.7
21.4
19.8
14.4
13.4
10.6
Output Third Order Intercept Point (OIP3)
dBm
22.5
22.5
22.5
23.5
24.0
22.5
Output Power at 1dB Compression (P1dB)
14.0
10.9
10.5
10.5
9.9
8.6
8.6
Input Return Loss (IRL)
dB
15.0
12.0
11.5
14.0
14.5
13.0
Output Return Loss (ORL)
dB
15.0
12.0
11.0
12.5
11.5
12.0
Reverse Isolation (S12)
dB
23.5
25.0
25.0
21.0
20.0
19.0
Noise Figure (NF)
dB
2.8
2.8
3.1
3.5
3.6
4.4
Test Conditions: VD=3V ID=25mA Typ. OIP3 Tone Spacing=1MHz, POUT per tone=-5dBm
TL=25°C ZS=ZL=50
OIP3 vs. Frequency (-5dBm/tone, 1MHz spacing)
18
20
22
24
26
28
00.5
11.5
22.5
3
3.5
Frequency (GHz)
25C
-40C
85C
P1dB vs. Frequency
5
7
9
11
13
15
00.5
11.522.5
33.5
Frequency (GHz)
25C
-40C
85C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com