Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGC4486Z Datasheet(PDF) 4 Page - RF Micro Devices

Part # SGC4486Z
Description  50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGC4486Z Datasheet(HTML) 4 Page - RF Micro Devices

  SGC4486Z Datasheet HTML 1Page - RF Micro Devices SGC4486Z Datasheet HTML 2Page - RF Micro Devices SGC4486Z Datasheet HTML 3Page - RF Micro Devices SGC4486Z Datasheet HTML 4Page - RF Micro Devices SGC4486Z Datasheet HTML 5Page - RF Micro Devices SGC4486Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4 of 6
DS100813
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGC4486Z
86 PCB Pad Layout
86 Nominal Package Drawing
Dimensions in inches (millimeters)
Refer to drawing posted at www.rfmd.com for tolerances.
RF
OUT
RF
I N
Dimensions in inches [millimeters]
Notes:
1. Provide a large ground pad area under
device pins 2 and 4 with several plated-
through holes placed as shown.
2. 1-2 ounce finished copper thickness is
recommended.
3. RF I/O lines are 50
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com