Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGC4563Z Datasheet(PDF) 1 Page - RF Micro Devices

Part # SGC4563Z
Description  50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGC4563Z Datasheet(HTML) 1 Page - RF Micro Devices

  SGC4563Z Datasheet HTML 1Page - RF Micro Devices SGC4563Z Datasheet HTML 2Page - RF Micro Devices SGC4563Z Datasheet HTML 3Page - RF Micro Devices SGC4563Z Datasheet HTML 4Page - RF Micro Devices SGC4563Z Datasheet HTML 5Page - RF Micro Devices SGC4563Z Datasheet HTML 6Page - RF Micro Devices SGC4563Z Datasheet HTML 7Page - RF Micro Devices SGC4563Z Datasheet HTML 8Page - RF Micro Devices SGC4563Z Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Features
1 of 10
Optimum Technology
Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF MEMS
SGC4563Z
50MHz to 4000MHz ACTIVE BIAS SILICON
GERMANIUM CASCADABLE GAIN BLOCK
RFMD’s SGC4563Z is a high performance SiGe HBT MMIC amplifier utiliz-
ing a Darlington configuration with a patented active bias network. The
active bias network provides stable current over temperature and process
Beta variations. Designed to run directly from a 3V supply, the SGC4563Z
does not require a dropping resistor as compared to typical Darlington
amplifiers. The SGC4563Z is designed for high linearity 3V gain block
applications that require small size and minimal external components. It is
internally matched to 50
.
Gain and RL versus Frequency
-40
-30
-20
-10
0
10
20
30
0.00.5
1.01.5
2.02.5
3.03.5
Frequency (GHz)
Gain
IRL
ORL
S11
S21
S22
Bias Tee Data, ZS = ZL = 50 Ohms, TL = 25C
Single Fixed 3V Supply
No Dropping Resistor
Required
Patented Self-Bias Circuitry
P1dB=15.6dBm at 1950MHz
OIP3=28.5dBm at 1950MHz
Robust 1000V ESD, Class 1C
HBM
Applications
PA Driver Amplifier
Cellular, PCS, GSM, UMTS,
WCDMA
IF Amplifier
Wireless Data, Satellite
DS140527
Package: SOT-363
SGC4563Z
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Small Signal Gain
26.5
dB
Freq=500MHz
22.5
25.5
28.5
dB
Freq=*850MHz
18.5
20.5
22.5
dB
Freq=1950MHz
Output Power at 1dB Compression
16.8
dBm
Freq=500MHz
16.5
dBm
Freq=850MHz
14.0
15.6
dBm
Freq=1950MHz
Output Third Order Intercept Point
29.5
dBm
Freq=500MHz
29.5
dBm
Freq=850MHz
26.0
28.5
dBm
Freq=1950MHz
Input Return Loss
14.0
18.0
dB
Freq=1950MHz
Output Return Loss
10.0
14.0
dB
Freq=1950MHz
Noise Figure
1.7
3.0
dB
Freq=1930MHz
Device Operating Voltage
3
V
Device Operating Current
37
48
59
mA
Thermal Resistance
120
°C/W
(RTH, j-l) Junction to lead
Test Conditions: VD=3.0V, ID=48mA, TL=25°C, OIP3 Tone Spacing=1MHz. *Bias Tee Data, ZS=ZL=50POUT per tone=0dBm, Application Circuit Data
Unless Otherwise Noted


Similar Part No. - SGC4563Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGC4263Z RFMD-SGC4263Z Datasheet
653Kb / 9P
50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC4263ZPCK RFMD-SGC4263ZPCK Datasheet
653Kb / 9P
50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC4263ZSQ RFMD-SGC4263ZSQ Datasheet
653Kb / 9P
50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC4263ZSR RFMD-SGC4263ZSR Datasheet
653Kb / 9P
50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC4363Z RFMD-SGC4363Z Datasheet
336Kb / 6P
50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
More results

Similar Description - SGC4563Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGC-4486Z SIRENZA-SGC-4486Z_1 Datasheet
256Kb / 5P
50-4000 MHz Active Bias Silicon Germanium Cascadable Gain Block
logo
RF Micro Devices
SGC2363Z RFMD-SGC2363Z Datasheet
331Kb / 6P
50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC2463Z RFMD-SGC2463Z Datasheet
678Kb / 7P
50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC4263Z RFMD-SGC4263Z Datasheet
653Kb / 9P
50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC4363Z RFMD-SGC4363Z Datasheet
336Kb / 6P
50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC4463Z RFMD-SGC4463Z Datasheet
670Kb / 6P
50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC4486Z RFMD-SGC4486Z Datasheet
282Kb / 6P
50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC-6289Z RFMD-SGC-6289Z Datasheet
501Kb / 8P
50MHz to 3500MHz SILICON GERMANIUM ACTIVE BIAS GAIN BLOCK
SGC-6489Z RFMD-SGC-6489Z Datasheet
391Kb / 6P
50MHz to 3500MHz SILICON GERMANIUM ACTIVE BIAS GAIN BLOCK
SGC6389Z RFMD-SGC6389Z Datasheet
599Kb / 6P
ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com