Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPF5122Z Datasheet(PDF) 10 Page - RF Micro Devices

Part # SPF5122Z
Description  50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SPF5122Z Datasheet(HTML) 10 Page - RF Micro Devices

Back Button SPF5122Z Datasheet HTML 4Page - RF Micro Devices SPF5122Z Datasheet HTML 5Page - RF Micro Devices SPF5122Z Datasheet HTML 6Page - RF Micro Devices SPF5122Z Datasheet HTML 7Page - RF Micro Devices SPF5122Z Datasheet HTML 8Page - RF Micro Devices SPF5122Z Datasheet HTML 9Page - RF Micro Devices SPF5122Z Datasheet HTML 10Page - RF Micro Devices SPF5122Z Datasheet HTML 11Page - RF Micro Devices SPF5122Z Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10 of 12
DS110408
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SPF5122Z
Evaluation Board Assembly Drawing
Application Schematic
(400MHz to 3000MHz)
Evaluation Board Bill of Materials (BOM)
(400MHz to 3000MHz)
C1
AJB104KLRH, Rohm, 0.1uF
C2
MCH185A101JK, Rohm, 100pF
C3
MCH185A101JK, Rohm, 100pF
C4
MCH185A101JK, Rohm, 100pF
L1
LL1608-FSR15J, Toko, 150nH
RF out
RF in
Vs
150nH
0.1uF
100pF
100pF
Epad
100pF
SPF5122Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com