Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPF5122ZPCK1 Datasheet(PDF) 2 Page - RF Micro Devices

Part # SPF5122ZPCK1
Description  50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SPF5122ZPCK1 Datasheet(HTML) 2 Page - RF Micro Devices

  SPF5122ZPCK1 Datasheet HTML 1Page - RF Micro Devices SPF5122ZPCK1 Datasheet HTML 2Page - RF Micro Devices SPF5122ZPCK1 Datasheet HTML 3Page - RF Micro Devices SPF5122ZPCK1 Datasheet HTML 4Page - RF Micro Devices SPF5122ZPCK1 Datasheet HTML 5Page - RF Micro Devices SPF5122ZPCK1 Datasheet HTML 6Page - RF Micro Devices SPF5122ZPCK1 Datasheet HTML 7Page - RF Micro Devices SPF5122ZPCK1 Datasheet HTML 8Page - RF Micro Devices SPF5122ZPCK1 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2 of 12
DS110408
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SPF5122Z
Typical RF Performance - Broadband Application Circuit with VD=5V, ID=90mA
1. Input RL can be improved in the 800MHz to 1000MHz band by adding a series inductor between the DC block and device input.
Typical RF Performance - Broadband Application Circuit with VD=3V, ID=58mA
1. Input RL can be improved in the 800MHz to 1000MHz band by adding a series inductor between the DC block and device input.
Absolute Maximum Ratings
Parameter
Rating
Unit
Max Device Current (lD)
120
mA
Max Device Voltage (VD)5.5
V
Max RF Input Power
27
dBm
Max Dissipated Power
660
mW
Max Junction Temperature (TJ)
150
°C
Operating Temperature Range (TL)
-40 to + 85
°C
Max Storage Temperature
-65 to +150
°C
ESD Rating - Human Body Model
(HBM)
Class 1B
Moisture Sensitivity Level (MSL)
MSL 1
Operation of this device beyond any one of these limits may cause permanent dam-
age. For reliable continuous operation, the device voltage and current must not
exceed the maximum operating values specified in the table on page one.
Bias Conditions should also satisfy the following expression:
IDVD<(TJ-TL)/RTH, j-l and TL=TLEAD
Parameter
Unit
0.1
GHz*
0.4
GHz
0.9
GHz
1.5
GHz
1.9
GHz
2.2
GHz
2.5
GHz
3.5
GHz
3.8
GHz
Small Signal Gain
dB
27.0
24.0
19.0
15.0
13.0
12.0
11.0
6.0
7.0
Noise Figure
dB
0.42
0.47
0.59
0.70
0.64
0.73
0.86
1.35
1.27
Output IP3
dBm
33.0
36.0
38.0
39.5
40.5
41.0
41.5
40.5
41.5
Output P1dB
dBm
22.3
22.7
23.0
23.2
23.4
23.7
23.9
22.2
22.9
Input Return Loss
dB
-9.5
-10.0
-14.5
-20.0
-21.0
-22.0
-22.5
-15.0
-11.5
Output Return Loss
dB
-29.0
-19.5
-17.0
-14.0
-13.0
-12.5
-12.5
-7.5
-15.5
Reverse Isolation
dB
-32.0
-29.0
-24.0
-20.0
-18.5
-17.5
-16.5
-15.5
-13.5
Test Conditions: VD=5V, IDQ=90mA, OIP3 Tone Spacing=1MHz, POUT per tone=0dBm, TL=25°C, ZS=ZL=50 *Bias Tee Data @ 100MHz
Parameter
Unit
0.1
GHz*
0.4
GHz
0.9
GHz
1.5
GHz
1.9
GHz
2.2
GHz
2.5
GHz
3.5
GHz
3.8
GHz
Small Signal Gain
dB
26.0
23.0
18.5
14.5
12.5
11.5
10.5
6.0
6.5
Noise Figure
dB
0.35
0.44
0.58
0.65
0.61
0.69
0.79
1.25
1.19
Output IP3
dBm
31.5
33.0
34.5
36.0
36.5
37.0
37.5
37.0
37.5
Output P1dB
dBm
18.8
18.9
19.1
19.4
19.9
20.2
20.1
18.9
19.2
Input Return Loss
dB
-8.0
-9.0
-13.0
-16.5
-18.5
-19.0
-19.0
-13.5
-10.0
Output Return Loss
dB
-26.0
-28.5
-23.5
-18.0
-16.5
-16.0
-15.5
-9.0
-14.0
Reverse Isolation
dB
-31.0
-28.0
-23.0
-19.0
-17.5
-16.0
-15.0
-14.5
-12.5
Test Conditions: VD=3V, IDQ=58mA, OIP3 Tone Spacing=1MHz, POUT per tone=0dBm, TL=25°C, ZS=ZL=50, *Bias Tee Data @ 100MHz
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com