Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA5063Z Datasheet(PDF) 2 Page - RF Micro Devices

Part # STA5063Z
Description  3.3GHz to 6.2GHz GENERAL PURPOSE 3.3V 15dBm AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

STA5063Z Datasheet(HTML) 2 Page - RF Micro Devices

  STA5063Z Datasheet HTML 1Page - RF Micro Devices STA5063Z Datasheet HTML 2Page - RF Micro Devices STA5063Z Datasheet HTML 3Page - RF Micro Devices STA5063Z Datasheet HTML 4Page - RF Micro Devices STA5063Z Datasheet HTML 5Page - RF Micro Devices STA5063Z Datasheet HTML 6Page - RF Micro Devices STA5063Z Datasheet HTML 7Page - RF Micro Devices STA5063Z Datasheet HTML 8Page - RF Micro Devices STA5063Z Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2 of 10
DS110205
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
STA-5063Z
Simplified Device Schematic
Absolute Maximum Ratings
Parameter
Rating
Unit
Max Device Current (lD)80
mA
ESD Rating (HBM)
1000
V
Total Device Current (I)
80
mA
Device Voltage (Pins 1 and 3)
4
V
Device Voltage (Pin 4)
5.5
V
Max RF Input Power
15
dBm
Power Dissipation
0.40
W
Max Junction Temperature (TJ)
150
°C
Operating Temperature Range (TL)
-40 to + 85
°C
Max Storage Temperature
-40to+150
°C
Operation of this device beyond any one of these limits may cause permanent dam-
age. For reliable continuous operation, the device voltage and current must not
exceed the maximum operating values specified in the table on page one.
Bias Conditions should also satisfy the following expression:
IDVD<(TJ-TL)/RTH, j-l
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
Active Bias
PIN 1
PIN 2
PIN 5
PIN 6
PIN 3
PIN 4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com