Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SXA-389 Datasheet(PDF) 7 Page - RF Micro Devices

Part # SXA-389
Description  400MHz to 2500MHz 쩌W MEDIUM POWER GaAs HBT AMPLIFIER WITH ACTIVE BIAS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SXA-389 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button SXA-389 Datasheet HTML 2Page - RF Micro Devices SXA-389 Datasheet HTML 3Page - RF Micro Devices SXA-389 Datasheet HTML 4Page - RF Micro Devices SXA-389 Datasheet HTML 5Page - RF Micro Devices SXA-389 Datasheet HTML 6Page - RF Micro Devices SXA-389 Datasheet HTML 7Page - RF Micro Devices SXA-389 Datasheet HTML 8Page - RF Micro Devices SXA-389 Datasheet HTML 9Page - RF Micro Devices SXA-389 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7 of 10
EDS-102231 Rev F
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SXA-389(Z)
Suggested Pad Layout
Package Drawing
Dimensions in inches (millimeters)
Refer to drawing posted at www.rfmd.com for tolerances.
Pin
Function
Description
1Base
Base Pin
2GND and
Emitter
Connection to ground. Use via holes to reduce lead inductance. Place via holes as close to ground leads as pos-
sible.
3
Collector
Collector pin
4GND and
Emitter
Connection to ground. Use via holes to reduce lead inductance. Place via holes as close to ground leads as pos-
sible.
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com