Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9016K2M Datasheet(PDF) 1 Page - ESS Technology,Inc

Part # ES9016K2M
Description  Ultra 32-bit Stereo Mobile Audio DAC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9016K2M Datasheet(HTML) 1 Page - ESS Technology,Inc

  ES9016K2M Datasheet HTML 1Page - ESS Technology,Inc ES9016K2M Datasheet HTML 2Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONFIDENTIAL ADVANCE INFORMATION
Analog Reinvented
ES9016K2M
Ultra 32-bit Stereo Mobile Audio DAC
Product Brief
ESS TECHNOLOGY, INC. 48401 Fremont Blvd., Fremont, CA 94538, USA Tel (510) 492-1088 • Fax (510) 492-1511
FEATURE
DESCRIPTION
Patented 32-bit Hyperstream
 DAC
o
+122dB DNR
o
–110dB THD+N
o
32-bit audio DAC powered by Sabre
32 DAC architecture with
unmatched dynamic range and ultra low distortion
o
Supports both synchronous and ASRC (asynchronous sample rate
converter) modes
Patented Time Domain Jitter Eliminator
o
Unmatched audio clarity free from input clock jitter
64-bit accumulator and 32-bit processing
o
Distortion free signal processing
Integrated DSP Functions
o
Click-free soft mute and volume control
o
Programmable Zero detect
o
De-emphasis for 32kHz, 44.1kHz, and 48kHz sampling
Customizable output configuration
o
Mono or stereo output in current or voltage mode based on
performance criterion
I
2C control
o
Allows software control of DAC features
28-QFN (5mm x 5mm) package
o
Minimizes PCB footprint
< 40mW operating, < 1mW standby power
o
Maximizes battery life
1.8 to 3.3V analog & digital power supplies
o
Reduces power and simplifies power supply design
1.8V digital logic supported
o
Connects to Application Processor without level shifter
Versatile digital input
o
Supports SPDIF, PCM (I
2S, LJ 16-32-bit) or DSD input
Customizable filter characteristics
(revision V only)
o
User programmable filter allowing custom roll-off response
o
Bypassable oversampling filter
APPLICATIONS
 Mobile phones / Tablets / Digital music players / Portable multimedia players
 Blu-ray / SACD / DVD-Audio player
 Audio preamplifier and A/V receiver
 Professional audio recording systems / Mixing consoles / Digital audio workstation
The ES9016K2M SABRE
32 Ultra DAC is a high-performance 32-bit, 2-channel audio D/A converter targeted for portable
high-fidelity audio applications such as mobile phones and digital music players, consumer applications such as Blu-ray
players, audio pre-amplifiers and A/V receivers, as well as professional applications such as recording systems, mixer
consoles and digital audio workstations.
Using the critically acclaimed ESS patented 32-bit Hyperstream
 DAC architecture and Time Domain Jitter Eliminator,
the ES9016K2M SABRE
32 Ultra DAC delivers a DNR of up to 122dB and THD+N of –110dB, a performance level that
will satisfy the most demanding audio enthusiasts.
The ES9016K2M SABRE
32 Ultra DAC’s 32-bit Hyperstream
 architecture can handle up to 32-bit, 384kHz PCM data
via I
2S, DSD-11.2MHz data as well as mono mode for highest performance applications. Both synchronous and ASRC
(asynchronous sample rate conversion) modes are supported.
The ES9016K2M SABRE Ultra DAC is powered by a +1.8V to +3.3V supply for both the digital and analog sections,
with internal regulators generating the core supply. The DAC comes in a 28-QFN package, supports 1.8V logic levels
and consumes less than 40mW in normal operating mode (< 1mW in standby mode)
The SABRE Ultra DAC sets a new standard for high quality audio performance, SABRE SOUND
TM, in a cost effective,
easy-to-use form factor for today’s most demanding digital audio applications.


Similar Part No. - ES9016K2M

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES9016K2M ESS-ES9016K2M Datasheet
1Mb / 38P
Ultra 32-bit Stereo Low Power Audio DAC
March 26, 2021
ES9016K2M ESS-ES9016K2M_V01 Datasheet
1Mb / 38P
Ultra 32-bit Stereo Low Power Audio DAC
March 26, 2021
More results

Similar Description - ES9016K2M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS6311 ETC-MS6311 Datasheet
197Kb / 6P
Stereo Audio DAC
AV2636 ETC-AV2636 Datasheet
821Kb / 16P
24-bit 192kHz Stereo Audio DAC
logo
ESS Technology,Inc
ES9018 ESS-ES9018 Datasheet
276Kb / 2P
32-bit Hyperstream??Audio DAC
ES9010K2M ESS-ES9010K2M Datasheet
48Kb / 2P
Premier Stereo Mobile Audio DAC
ES9016S ESS-ES9016S Datasheet
69Kb / 2P
Ultra 32-bit 8-Channel Audio DAC
ES9018K2M ESS-ES9018K2M Datasheet
65Kb / 2P
32-bit Stereo Mobile Audio DAC
ES9018 ESS-ES9018_V01 Datasheet
75Kb / 2P
Reference 32-bit Audio DAC
ES9038Q2M ESS-ES9038Q2M Datasheet
1Mb / 65P
32-Bit Stereo Low Power Audio DAC
July 17, 2019
ES9018S ESS-ES9018S Datasheet
1Mb / 54P
Reference 32-bit Audio DAC
August 9, 2021
ES9028Q2M ESS-ES9028Q2M Datasheet
1Mb / 45P
32-Bit Stereo Low Power Audio DAC
January 16, 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com