Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES6460SBA Datasheet(PDF) 1 Page - ESS Technology,Inc

Part # ES6460SBA
Description  DMPX Digital Media Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES6460SBA Datasheet(HTML) 1 Page - ESS Technology,Inc

  ES6460SBA Datasheet HTML 1Page - ESS Technology,Inc ES6460SBA Datasheet HTML 2Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONFIDENTIAL ADVANCE INFORMATION
ESS Technology, Inc.
ES6461 / ES6460
DMP
X Digital Media Processor
Product Brief
www.esstech.com
1
Vista™
High Definition
Vista™
High Definition
OVERVIEW
The DMP
X series is a 4
th generation Digital Picture Frame and HDD Media Player solution built upon
ESS’s highly popular DMP3 (ES6430), DMP2 (ES6425) and DMP1 (ES6420) processors.
Part Number
Core Function
HS USB
2.0 OTG
Digital TCON /
HDMI Tx I/F
CF / IDE
AC3
ES6460SAA
1
x
x
x
ES6460SBA
128 LQFP
1
x
√
x
ES6461SAA
2
√
√
x
ES6461SAB
176 LQFP
Analog TCON
RTC
MPEG / JPEG
MP3
Card Reader
2
√
√
√
The DMP
X has a versatile card reader interface for direct connection to CF/MicroDrive, SD, MMC,
MS/MS Pro, xD, SM, and IDE hard drives. In addition, HS USB 2.0 host/device interfaces are included
for connection to PC, thumb drive, USB hard drives and cameras. The built-in A/V decoder supports
MPEG 1/2/4, JPEG and MP3 formats with numerous other options including Dolby AC3 and WMA.
The DMP
X further integrates the TCON, RTC, DC/DC PWM and NAND Flash controllers to make it the
most integrated solution for Digital Picture Frame products. In addition, the boot from NAND Flash feature
allows additional system cost savings by eliminating the SPI flash.
The DMP
X ES6461 can work with the companion ES7108 Video Scaler/HDMI transmitter to upscale any
standard definition (480i/p) video to full 1080p high definition output needed for the emerging HDD Media
Player products.
KEY FEATURES
Feature
Benefit
Audio/Video
•
4ch Video DAC
•
8/12-bit Digital Video Out
•
Stereo Audio DAC
•
Analog LCD or CVBS / S / Component / VGA / SCART
•
Digital LCD or HDMI (with ES7108) output
•
Eliminate external audio DAC
System & Peripheral
•
32kB RISC cache
•
TCON
•
RTC
•
NAND Flash Boot
•
DC/DC PWM
•
HS USB 2.0 OTG
•
Card Reader
•
IDE port
•
Increase JPEG decoding speed
•
Eliminate external TCON for LCD control
•
Eliminate external RTC for clock / calendar
•
Reduce cost by eliminating SPI flash
•
Reduce cost for LCD VGH/VGL and backlight generation
•
Connect USB thumb-drives, cameras or PC
•
Read/write SM, xD, SD, MMC, MS/MS Pro
•
Connect to CF / MD / hard drives or network controllers
Media Playback
•
MPEG 1/2/4 decoder
•
JPEG/MP3 decoder
•
WMA/AC3 option
•
Display MPEG-4 AVI, DVD or VCD video files
•
Display pictures and music slideshows
•
Playback WMA/AC3 audio


Similar Part No. - ES6460SBA

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
ES64 ECLIPTEK-ES64 Datasheet
177Kb / 2P
Temperature Compensated Crystal
logo
ESS Technology,Inc
ES6425 ESS-ES6425 Datasheet
143Kb / 8P
Digital Media Processor 2 Product Brief
ES6425FDF ESS-ES6425FDF Datasheet
143Kb / 8P
Digital Media Processor 2 Product Brief
ES6425FF ESS-ES6425FF Datasheet
143Kb / 8P
Digital Media Processor 2 Product Brief
ES6430 ESS-ES6430 Datasheet
84Kb / 6P
Digital Media Processor Product Brief
More results

Similar Description - ES6460SBA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 225P
Digital Media Processor
TMS320DM6437 TI-TMS320DM6437_08 Datasheet
2Mb / 305P
Digital Media Processor
TMS320DM647 TI-TMS320DM647_10 Datasheet
1Mb / 181P
Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433 Datasheet
2Mb / 271P
Digital Media Processor
TMS320DM647 TI1-TMS320DM647_16 Datasheet
1Mb / 190P
Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_15 Datasheet
1Mb / 227P
Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_16 Datasheet
2Mb / 252P
Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_17 Datasheet
2Mb / 252P
Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_17 Datasheet
1Mb / 227P
Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433_17 Datasheet
2Mb / 271P
Digital Media Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com