Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP2012Z Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXTP2012Z
Description  60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP2012Z Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXTP2012Z_15 Datasheet HTML 1Page - Diodes Incorporated ZXTP2012Z_15 Datasheet HTML 2Page - Diodes Incorporated ZXTP2012Z_15 Datasheet HTML 3Page - Diodes Incorporated ZXTP2012Z_15 Datasheet HTML 4Page - Diodes Incorporated ZXTP2012Z_15 Datasheet HTML 5Page - Diodes Incorporated ZXTP2012Z_15 Datasheet HTML 6Page - Diodes Incorporated ZXTP2012Z_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ZXTP2012Z
Datasheet Number: DS33713 Rev. 3 - 2
4 of 7
www.diodes.com
October 2012
© Diodes Incorporated
ZXTP2012Z
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-100
-120
-
V
IC = -100µA
Collector-Emitter Breakdown Voltage (Notes 9)
BVCER
-100
-120
-
V
IC = -1µA, RB ≤ 1kΩ
Collector-Emitter Breakdown Voltage (Notes 9)
BVCEO
-60
-80
-
V
IC = -10mA
Emitter-Base Breakdown Voltage
BVEBO
-7
-8.1
-
V
IE = -100µA
Collector Cutoff Current
ICBO
-
< -1
-20
-500
nA
nA
VCB = -80V
VCB = -80V, TA = +100°C
Collector Cutoff Current
ICER
R ≤1k
Ω
-
< -1
-20
-500
nA
nA
VCB = -80V
VCB = -80V, TA = +100°C
Emitter Cutoff Current
IEBO
-
< -1
-10
nA
VEB = -6V
DC current transfer Static ratio (Notes 9)
hFE
100
100
45
10
250
200
90
25
300
IC = -10mA, VCE = -1V
IC = -2A, VCE = -1V
IC = -5A, VCE = -1V
IC = -10A, VCE = -1V
Collector-Emitter Saturation Voltage (Notes 9)
VCE(sat)
-
-14
-50
-75
-160
-20
-65
-110
-215
mV
IC = -100mA, IB = -10mA
IC = -1A, IB = -100mA
IC = -2A, IB = -200mA
IC = -5A, IB = -500mA
Base-Emitter Saturation Voltage (Notes 9)
VBE(sat)
-
-950
-1050
mV
IC = -5A, IB = -500mA
Base-Emitter Turn-on Voltage (Notes 9)
VBE(on)
-
-840
-950
mV
IC = -5A, VCE = -1V
Transitional Frequency (Notes 9)
fT
-
120
-
MHz
IC = -100mA, VCE = -10V,
f = 50MHz
Output capacitance
Cobo
-
48
-
pF
VCB = -10V, f = 1MHz,
Switching Time
tON
-
39
-
ns
VCC = -10V, IC = -1A,
IB1 = IB2 = -100mA
tOFF
370
Notes:
9. Measured under pulsed conditions. Pulse width
≤ 300μs. Duty cycle ≤ 2%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com