Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7469TRPBF. Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7469TRPBF.
Description  High Frequency Buck Converters for Computer Processor Power
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7469TRPBF. Datasheet(HTML) 1 Page - International Rectifier

  IRF7469TRPBF. Datasheet HTML 1Page - International Rectifier IRF7469TRPBF. Datasheet HTML 2Page - International Rectifier IRF7469TRPBF. Datasheet HTML 3Page - International Rectifier IRF7469TRPBF. Datasheet HTML 4Page - International Rectifier IRF7469TRPBF. Datasheet HTML 5Page - International Rectifier IRF7469TRPBF. Datasheet HTML 6Page - International Rectifier IRF7469TRPBF. Datasheet HTML 7Page - International Rectifier IRF7469TRPBF. Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
1
08/17/04
IRF7469PbF
SMPS MOSFET
HEXFET® Power MOSFET
Notes
 through „ are on page 8
Symbol
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
–––
20
RθJA
Junction-to-Ambient
„
–––
50
°C/W
Thermal Resistance
Absolute Maximum Ratings
Symbol
Parameter
Max.
Units
VDS
Drain-Source Voltage
40
V
VGS
Gate-to-Source Voltage
± 20
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
9.0
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
7.3
A
IDM
Pulsed Drain Current

73
PD @TA = 25°C
Maximum Power Dissipation
ƒ
2.5
W
PD @TA = 70°C
Maximum Power Dissipation
ƒ
1.6
W
Linear Derating Factor
0.02
mW/°C
TJ , TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
SO-8
Top View
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
VDSS
RDS(on) max(mW)
ID
40V
17@VGS = 10V
9.0A
PD- 95286
Applications
Benefits
l Ultra-Low Gate Impedance
l Very Low RDS(on)
l Fully Characterized Avalanche Voltage
and Current
l High Frequency Isolated DC-DC
Converters with Synchronous Rectification
for Telecom and Industrial Use
l High Frequency Buck Converters for
Computer Processor Power
l Lead-Free


Similar Part No. - IRF7469TRPBF.

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7469TRPBF IRF-IRF7469TRPBF Datasheet
131Kb / 8P
High Frequency Isolated DC-DC
logo
VBsemi Electronics Co.,...
IRF7469TRPBF VBSEMI-IRF7469TRPBF Datasheet
1Mb / 9P
N-Channel 40-V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
IRF7469TRPBF-TP TECHPUBLIC-IRF7469TRPBF-TP Datasheet
1Mb / 5P
N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - IRF7469TRPBF.

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3708STRR IRF-IRF3708STRR Datasheet
147Kb / 11P
High Frequency Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRLR7833 KERSEMI-IRLR7833 Datasheet
1Mb / 11P
High Frequency Synchronous Buck Converters for Computer Processor Power
IRLR7843 KERSEMI-IRLR7843 Datasheet
1Mb / 11P
High Frequency Synchronous Buck Converters for Computer Processor Power
IRLU8721 KERSEMI-IRLU8721 Datasheet
1Mb / 11P
High Frequency Synchronous Buck Converters for Computer Processor Power
logo
International Rectifier
IRF7458PBF IRF-IRF7458PBF_15 Datasheet
135Kb / 8P
High Frequency Buck Converters for Computer Processor Power
IRF7463PBF IRF-IRF7463PBF_15 Datasheet
182Kb / 8P
High Frequency Buck Converters for Computer Processor Power
IRF7468PBF IRF-IRF7468PBF_15 Datasheet
131Kb / 8P
High Frequency Buck Converters for Computer Processor Power
IRFR3708PBF IRF-IRFR3708PBF_15 Datasheet
226Kb / 10P
High Frequency Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRF3704ZL KERSEMI-IRF3704ZL Datasheet
1Mb / 11P
High Frequency Synchronous Buck Converters for Computer Processor Power
IRF3704ZS KERSEMI-IRF3704ZS Datasheet
1Mb / 11P
High Frequency Synchronous Buck Converters for Computer Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com