Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

46205000000 Datasheet(PDF) 1 Page - Littelfuse

Part # 46205000000
Description  250V/350V VAC/VDC Time Lag Fuse
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

46205000000 Datasheet(HTML) 1 Page - Littelfuse

  46205000000 Datasheet HTML 1Page - Littelfuse 46205000000 Datasheet HTML 2Page - Littelfuse 46205000000 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2015 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 06/12/15
Surface Mount Fuses
NANO2® > 250V/350V VAC/VDC Time Lag Fuse > 462 Series
462 Series Fuse
Description
Agency Approvals
Electrical Characteristics for Series
Features
• Heat resistant plastic
housing, UL 94 V-0
• Designed for line or low
voltage applications
• Low voltage drop
• Internationally approved
• High pulse resistance
• Lead-free -- compatible
with lead-free solders
and higher temperature
profiles
• Available in ratings of
0.5A to 5A
RoHS
% of Amp Rating
OpeningTime
125%
1 hour, Minimum
200%
2 minutes, Maximum
1000%
10 milliseconds, Minimum
100 milliseconds, Maximum
AGENCY
AGENCY FILE NUMBERS
AMPERE RANGE
E67006
0.5A - 4A
40022235
40027839
1A,1.6A,3.15A, 4A
2A
PS
E
JET1896-31007-1005
2.5A - 5A
CQC14012115883
1.6A
E242325
0.5A - 5A
Electrical Specifications by Item
Ampere
Rating
(A)
Amp
Code
Max
Voltage
Rating
(V)5
Interrupting
Rating
Nominal
Cold
Resistance
(Ohms)1
Nominal
Melting
I2t (A2sec)
Nom
Voltage
Drop
(mV)
Nom
Power
Dissipation
(mW)
Agency Approvals3
®
PS
E
0.500
0500
250
100A @
350VAC/VDC4
150A @
250VAC/VDC
0.2270
0.43
160
200
X
X
0.630
0630
0.1570
0.80
160
200
X
X
0.800
0800
0.1300
1.40
160
250
X
X
1.00
1100
0.0867
2.70
140
250
X
X
X
1.25
1125
0.0602
5.20
130
250
X
X
1.60
1160
0.0443
9.70
130
280
X
X
X
X
2.00
1200
0.0335
5.44
120
300
X
X
X
2.50
1250
0.0278
8.00
120
450
X
X
X
3.15
1315
0.0204
14.00
110
600
X
X
X
X
4.00
1400
0.0158
21.00
110
800
X
X
X
X
5.00
1500
150A @
250VAC/VDC
0.0124
40.00
110
1000
X
X
X
1. Cold resistance measured at less than 10% of rated current at 23°C
2. l2t values slated for 8ms opening time
3. Agency Approval Table Key: X = Approved or Certified, P = Pending
4. UL Recognition - IR at 100A @ 350 VAC/VDC
5. Rated at 350VAC/VDC per UL Recognition under UL248 (up to 4A only).
Rated at 250VAC/VDC per VDE under IEC standard 60127-4.
The 462 series Nano2® Surface Mount Fuse has time-lag
current characteristics with interrupting ratings rated at
250V and 350V. It complies with IEC 60127-4 Universal
Modular Fuse-Links.
Applications
• Lighting ballast
• AC/DC adaptor primary
protection
• Transformerless AC/DC
converter circuit
• High DC voltage power
distribution system
If you have special electrical characteristic needs, please contact Littelfuse to discuss application specific options.
PS
E
Specifications are subject to change without notice. Application testing is strongly recommended.
Additional Information
Datasheet
Samples
Resources


Similar Part No. - 46205000000

ManufacturerPart #DatasheetDescription
logo
Littelfuse
46205000000 LITTELFUSE-46205000000 Datasheet
228Kb / 3P
Heat resistant plastic housing, UL 94 V-0 Low voltage drop
More results

Similar Description - 46205000000

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2JS BEL-2JS Datasheet
478Kb / 2P
Time-lag Fuse Series
logo
Schurter Inc.
MST250 SCHURTER-MST250 Datasheet
388Kb / 4P
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 63 VDC
MSU250 SCHURTER-MSU250 Datasheet
256Kb / 3P
Subminiature Fuse, 8.5 mm, Time-Lag T, Telecom, 250 VAC, 63 VDC
MST250 SCHURTER-MST250_18 Datasheet
449Kb / 5P
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 63 VDC
logo
Bel Fuse Inc.
2JS BEL-2JS_16 Datasheet
1Mb / 4P
Time-lag Fuse Series
5ET BEL-5ET_16 Datasheet
1Mb / 4P
Time-lag Fuse Series
5HT BEL-5HT_16 Datasheet
1Mb / 4P
Time-lag Fuse Series
5ST BEL-5ST_16 Datasheet
1Mb / 4P
Time-lag Fuse Series
logo
Schurter Inc.
MSU250 SCHURTER-MSU250_V01 Datasheet
300Kb / 4P
Subminiature Fuse, 8.5 mm, Time-Lag T, Telecom, 250 VAC, 63 VDC
MST250 SCHURTER-MST250_V02 Datasheet
494Kb / 5P
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 63 VDC
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com