Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4135 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2SC4135
Description  Bipolar Transistor Adoption of FBET, MBIT processes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC4135 Datasheet(HTML) 3 Page - ON Semiconductor

  2SC4135 Datasheet HTML 1Page - ON Semiconductor 2SC4135 Datasheet HTML 2Page - ON Semiconductor 2SC4135 Datasheet HTML 3Page - ON Semiconductor 2SC4135 Datasheet HTML 4Page - ON Semiconductor 2SC4135 Datasheet HTML 5Page - ON Semiconductor 2SC4135 Datasheet HTML 6Page - ON Semiconductor 2SC4135 Datasheet HTML 7Page - ON Semiconductor 2SC4135 Datasheet HTML 8Page - ON Semiconductor 2SC4135 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2SA1593 / 2SC4135
No.2511-3/9
IC -- VCE
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
hFE -- IC
hFE -- IC
IC -- VBE
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
Base-to-Emitter Voltage, VBE -- V
Collector Current, IC -- A
Collector Current, IC -- A
IC -- VCE
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
--2.0
--1.6
--1.2
--0.8
--0.4
0
0
--1
--3
--2
--4
--5
--2mA
--3mA
--1mA
--5mA
--10mA
--30mA
--50mA
--40mA
--20mA
IB=0
ITR04011
2SA1593
2.0
1.6
1.2
0.8
0.4
0
01
3
24
5
IB=0
ITR04012
--1.0
--0.8
--0.6
--0.4
--0.2
0
0
--10
--30
--20
--40
--50
IB=0
ITR04013
2SA1593
1.0
0.8
0.6
0.4
0.2
0
010
30
20
40
50
IB=0
ITR04014
2SC4135
1mA
2mA
3mA
5mA
1.0mA
0.5mA
2.0mA
1.5mA
4.5mA
4.0mA
3.5mA
3.0mA
2.5mA
20mA
10mA
40mA
50mA
30mA
2SC4135
--2mA
--1mA
--3mA
--4mA
--5mA
--6mA
0
--0.4
--0.8
--1.2
--1.6
--2.0
--2.4
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
ITR04015
2SA1593
VCE=--5V
3
5
7
100
2
3
5
7
1000
3
5
7
100
2
3
5
7
1000
72
3
5
7
--0.01
--0.1
23
23
57 --1.0
ITR04017
2SA1593
VCE=--5V
25
°C
--25
°C
0
0.4
0.8
1.2
1.6
2.0
2.4
0
0.2
0.4
0.6
0.8
1.0
1.2
ITR04016
2SC4135
VCE=5V
Ta=75
°C
72
3
5
7
0.01
0.1
23
23
57
1.0
ITR04018
2SC4135
VCE=5V
25°C
--25°C
Ta=75°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com