Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4488 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2SC4488
Description  Bipolar Transistor Adoption of FBET, MBIT processes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC4488 Datasheet(HTML) 2 Page - ON Semiconductor

  2SC4488 Datasheet HTML 1Page - ON Semiconductor 2SC4488 Datasheet HTML 2Page - ON Semiconductor 2SC4488 Datasheet HTML 3Page - ON Semiconductor 2SC4488 Datasheet HTML 4Page - ON Semiconductor 2SC4488 Datasheet HTML 5Page - ON Semiconductor 2SC4488 Datasheet HTML 6Page - ON Semiconductor 2SC4488 Datasheet HTML 7Page - ON Semiconductor 2SC4488 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SA1708 / 2SC4488
No.3094-2/8
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=(--)100V, IE=0A
(--)100
nA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0A
(--)100
nA
DC Current Gain
hFE
VCE=(--)5V, IC=(--)100mA
140*
400*
Gain-Bandwidth Product
fT
VCE=(--)10V, IC=(--)100mA
120
MHz
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(13)8.5
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=(--)400mA, IB=(--)40mA
(--0.2)0.1
(--0.6)0.4
V
Base-to-Emitter Saturation Voltage
VBE(sat)
(--)0.85
(--)1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)10μA, IE=0A
(--)120
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=(--)1mA, RBE=∞
(--)100
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)10μA, IC=0A
(--)6
V
Turn-ON Time
ton
See specified Test Circuit.
(80)80
ns
Storage Time
tstg
(700)850
ns
Fall Time
tf
(40)50
ns
* : The 2SA1708/2SC4488 are classified by 100mA hFE as follows :
Rank
S
T
hFE
140 to 280
200 to 400
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
2SA1708S-AN
NMP(Taping)
2,500pcs./box
Pb Free
2SA1708T-AN
NMP(Taping)
2,500pcs./box
2SC4488S-AN
NMP(Taping)
2,500pcs./box
2SC4488T-AN
NMP(Taping)
2,500pcs./box
VR
RL
VCC= --50V
VBE=5V
IC=10IB1= --10IB2= --400mA
+
+
50
Ω
INPUT
OUTPUT
RB
100
μF
470
μF
PW=20
μs
IB1
IB2
D.C.
≤1%
VR
RL
VCC=50V
VBE= --5V
IC=10IB1= --10IB2=400mA
+
+
50
Ω
INPUT
OUTPUT
RB
100
μF
470
μF
PW=20
μs
IB1
IB2
D.C.
≤1%
2SC4488
2SA1708



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com