Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E-RATED Datasheet(PDF) 1 Page - Littelfuse

Part # E-RATED
Description  MEDIUM VOLTAGE FUSES 2,400-38,000 VAC Current-Limiting
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

E-RATED Datasheet(HTML) 1 Page - Littelfuse

  E-RATED Datasheet HTML 1Page - Littelfuse E-RATED Datasheet HTML 2Page - Littelfuse E-RATED Datasheet HTML 3Page - Littelfuse E-RATED Datasheet HTML 4Page - Littelfuse E-RATED Datasheet HTML 5Page - Littelfuse E-RATED Datasheet HTML 6Page - Littelfuse E-RATED Datasheet HTML 7Page - Littelfuse E-RATED Datasheet HTML 8Page - Littelfuse E-RATED Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
POWR-GARD® Fuse Datasheet
littelfuse.com
© 2014 Littelfuse POWR-GARD® Products
Rev: 063014
1 of 10
MEDIUM VOLTAGE FUSES
2,400-38,000 VAC • Current-Limiting
Bolt-in Mount Fuses
Description
Littelfuse® offers a selection of E- and R-rated medium
voltage fuses for the protection of transformers, potential
transformers, feeders, and motor circuits. Single, double,
and triple barrel designs are available to cover a wide range
of current, voltage, and interrupting ratings. Conventional
ferrule type, clip lock, and bolt-in mounting configurations
are available for virtually any application. Hermetically sealed
fuses for use in hazardous environments are also offered.
Contact the factory or your local Littelfuse representative for
additional fuse ratings or custom mounting configurations.
24-Hour Emergency Service - Call 800-227-0029
Applications
• Power Transformer Protection
• Potential Transformer Protection
• Motor Controller Back-up Protection
• Fused Switches
• Feeder Circuits
General Information
The terms “Medium Voltage” and “High Voltage” have been
used interchangeably by many people to describe fuses
operating above 600 volts. Technically speaking, medium
voltage fuses are those intended for the voltage range from
2,400 to 38,000 Vac. High voltage fuses are for circuits
carrying voltages greater than 38,000 Vac.
E-rated fuses are considered to be general purpose fuses
and can be used to protect against low and high values
of fault current. R-rated fuses are designed for back-up
protection. They must be used in series with other devices
such as motor overload relays in order to achieve both
overload and short-circuit protection.
Medium voltage fuses are not intended to provide overload
protection in the same sense as fuses rated 600 volts or
less. Medium voltage fuse current ratings do not have the
same meanings as the ampere ratings of low voltage fuses.
All medium voltage fuses are limited in their ability to
interrupt low value overcurrents, especially those between
100% and 200% of the fuse’s continuous current rating.
They are designed to carry their rated current without
exceeding the temperature rise permitted by NEMA and
ANSI standards.
Current-limiting E- and R-rated
fuses are equipped with a
mechanical indicator or striker pin
that protrudes through the fuse
cap upon operation of the fuse.
This provides visual identification
of a blown fuse and can be used
as a trigger for external devices.
Note: Extension distance 1/2” minimum;
extension force 2 lb. minimum.


Similar Part No. - E-RATED

ManufacturerPart #DatasheetDescription
logo
TOKYO SEIMITSU CO., LTD
E-RM-S141A ACCRETECH-E-RM-S141A Datasheet
3Mb / 20P
SURFCOM 쨌 CONTOURECORD Option
E-RM-S178A ACCRETECH-E-RM-S178A Datasheet
3Mb / 20P
SURFCOM 쨌 CONTOURECORD Option
E-RM-S183E ACCRETECH-E-RM-S183E Datasheet
3Mb / 20P
SURFCOM 쨌 CONTOURECORD Option
E-RM-S205A ACCRETECH-E-RM-S205A Datasheet
3Mb / 20P
SURFCOM 쨌 CONTOURECORD Option
E-RM-S214A ACCRETECH-E-RM-S214A Datasheet
752Kb / 8P
Surface Texture and Contour Integrated Measuring Instruments
More results

Similar Description - E-RATED

ManufacturerPart #DatasheetDescription
logo
Littelfuse
130-4R-1C-5.5 LITTELFUSE-130-4R-1C-5.5 Datasheet
346Kb / 12P
Medium Voltage Fuses
logo
Cooper Bussmann, Inc.
60K07C COOPER-60K07C Datasheet
61Kb / 3P
HRC FORM II Current Limiting Fuses
logo
Littelfuse
8NLE100E LITTELFUSE-8NLE100E Datasheet
564Kb / 10P
MEDIUM VOLTAGE FUSES
8NLE2150E LITTELFUSE-8NLE2150E Datasheet
564Kb / 10P
MEDIUM VOLTAGE FUSES
8NLE2250E LITTELFUSE-8NLE2250E Datasheet
564Kb / 10P
MEDIUM VOLTAGE FUSES
10E1C15.5 LITTELFUSE-10E1C15.5 Datasheet
564Kb / 10P
MEDIUM VOLTAGE FUSES
15E1C25.8 LITTELFUSE-15E1C25.8 Datasheet
564Kb / 10P
MEDIUM VOLTAGE FUSES
15E1C38.0 LITTELFUSE-15E1C38.0 Datasheet
564Kb / 10P
MEDIUM VOLTAGE FUSES
15GSE100E LITTELFUSE-15GSE100E Datasheet
564Kb / 10P
MEDIUM VOLTAGE FUSES
15GSE2125E LITTELFUSE-15GSE2125E Datasheet
564Kb / 10P
MEDIUM VOLTAGE FUSES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com