Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-276PIN Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-276PIN
Description  High Power GaAs SPDT Switch DC - 3 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-276PIN Datasheet(HTML) 2 Page - Tyco Electronics

  SW-276PIN Datasheet HTML 1Page - Tyco Electronics SW-276PIN Datasheet HTML 2Page - Tyco Electronics SW-276PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
V 2.00
High Power GaAs SPDT Switch
SW-106, SW-276
Absolute Maximum Ratings
1. Operation of this device above any one of these parameters ma y cause
permanent damage.
2. Tcase = 25˚C, where Tcase is the temperature at the bottom
of the case.
3. Special consideration must be given to the mounting of the switch to
minimize the thermal resistance. The bottom of the case should be
thermally attached to the mounting surface to maintain the junction
temperature under the absolute maximum rating.
Functional Schematics (Top View)
SW-106
SW-276
Two Tone IP3 Measurements
Truth Table
Typical Performance
Parameter
Absolute Maximum1
Max. Input Power
0.05 GHz
+35 dBm
0.5 - 2.0 GHz
–5V Control
+36 dBm
–8V Control
+39 dBm
–10V Control
+40 dBm
Power Dissipation 2,3
2.0 W
Control Voltage
–12V, +1V
Operating Temperature
–55˚C to +125˚C
Storage Temperature
–65˚C to +150˚C
Maximum Junction Temperature
+175˚C
Thermal Resistance2:
θ jc
+50˚C/W
Control
Condition of Switch
RF Common to Each RF Por t
A
B
RF1
RF2
High Low
On
Off
Low High
Off
On
Input Power
3rd Order
Second
Bias
for each tone
Intermodulation
IP3
Harmonic
Voltage
(dBm)
Products (dBc)
(dBm)
(dBc)
0, –5V
+27
–34
+44
-61
0, –6V
+27
–49
+51
-61
0, –7V
+27
–64
+59
-63
0, –8V
+27
–65
+59
-63
0, –5V
+28
–30
+43
-58
0, –6V
+28
–41
+48
-58
0, –7V
+28
–52
+54
-57
0, –8V
+28
–60
+58
-57
0, –5V
+29
–28
+43
-54
0, –6V
+29
–34
+46
-54
0, –7V
+29
–44
+51
-54
0, –8V
+29
–52
+55
-54
0, –5V
+30
–26
+43
-52
0, –6V
+30
–32
+46
-51
0, –7V
+30
–38
+49
-51
0, –8V
+30
–44
+52
-51



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com