Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN2020LSN Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN2020LSN
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2020LSN Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN2020LSN_15 Datasheet HTML 1Page - Diodes Incorporated DMN2020LSN_15 Datasheet HTML 2Page - Diodes Incorporated DMN2020LSN_15 Datasheet HTML 3Page - Diodes Incorporated DMN2020LSN_15 Datasheet HTML 4Page - Diodes Incorporated DMN2020LSN_15 Datasheet HTML 5Page - Diodes Incorporated DMN2020LSN_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN2020LSN
Document number: DS31946 Rev. 3 - 2
2 of 6
www.diodes.com
August 2011
© Diodes Incorporated
DMN2020LSN
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Drain-Source Breakdown Voltage
BVDSS
20
-
-
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current TJ = 25°C
IDSS
-
-
1.0
μA
VDS = 20V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±10
μA
VGS = ±12V, VDS = 0V
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(th)
0.5
1.0
1.5
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
-
13
18
20
28
mΩ
VGS = 4.5V, ID = 9.4A
VGS = 2.5V, ID = 8.3A
Forward Transfer Admittance
|Yfs|
-
16
-
S
VDS = 5V, ID = 9.4A
Diode Forward Voltage
VSD
-
0.7
1.2
V
VGS = 0V, IS = 1.3A
DYNAMIC CHARACTERISTICS (Note 6)
Input Capacitance
Ciss
-
1149
-
pF
VDS = 10V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
-
157
-
pF
Reverse Transfer Capacitance
Crss
-
142
-
pF
Gate Resistance
Rg
-
1.51
-
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge
Qg
-
11.6
-
nC
VGS = 4.5V, VDS = 10V,
ID = 9.4A
Gate-Source Charge
Qgs
-
2.7
-
nC
Gate-Drain Charge
Qgd
-
3.4
-
nC
Turn-On Delay Time
tD(on)
-
11.67
-
ns
VDD = 10V, VGS = 4.5V,
RGEN = 6Ω, ID = 1A
Turn-On Rise Time
tr
-
12.49
-
ns
Turn-Off Delay Time
tD(off)
-
35.89
-
ns
Turn-Off Fall Time
tf
-
12.33
-
ns
Notes:
5. Short duration pulse test used to minimize self-heating effect.
6. Guaranteed by design. Not subject to production testing.
0
5
10
15
20
0
0.5
1
1.5
2
Fig. 1 Typical Output Characteristics
V
, DRAIN-SOURCE VOLTAGE (V)
DS
V
= 1.5V
GS
V
= 1.8V
GS
V
= 2.0V
GS
V
= 2.5V
GS
V
= 3.0V
GS
V
= 4.5V
GS
V
= 8.0V
GS
0
5
10
15
20
0
0.5
1
1.5
2
2.5
3
Fig. 2 Typical Transfer Characteristics
V
, GATE SOURCE VOLTAGE (V)
GS
V
= 10V
DS
T = -55°C
A
T = 25°C
A
T = 125°C
A
T = 150°C
A
T = 85°C
A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com