Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7807VPBF-1 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7807VPBF-1
Description  Industry-standard pinout SO-8 Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7807VPBF-1 Datasheet(HTML) 1 Page - International Rectifier

  IRF7807VPBF-1 Datasheet HTML 1Page - International Rectifier IRF7807VPBF-1 Datasheet HTML 2Page - International Rectifier IRF7807VPBF-1 Datasheet HTML 3Page - International Rectifier IRF7807VPBF-1 Datasheet HTML 4Page - International Rectifier IRF7807VPBF-1 Datasheet HTML 5Page - International Rectifier IRF7807VPBF-1 Datasheet HTML 6Page - International Rectifier IRF7807VPBF-1 Datasheet HTML 7Page - International Rectifier IRF7807VPBF-1 Datasheet HTML 8Page - International Rectifier IRF7807VPBF-1 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SO-8
Absolute Maximum Ratings
Symbol
Units
VDS
VGS
Continuous Drain or Source
TA = 25°C
(VGS
≥ 4.5V)
TA = 70°C
IDM
TA = 25°C
TA = 70°C
TJ , TSTG
°C
IS
ISM
Thermal Resistance
Symbol
Typ
Max
Units
RθJA
–––
50
RθJL
–––
20
A
W
A
°C/W
Parameter
Maximum Junction-to-Ambient
eh
Maximum Junction-to-Lead
h
Junction & Storage Temperature Range
Continuous Source Current (Body Diode)
Pulsed Source Current
™
Parameter
V
Power Dissipation
eÃÃÃÃÃÃÃ
Drain-Source Voltage
Gate-Source Voltage
Pulsed Drain Current
™
PD
ID
IRF7807V
8.3
2.5
66
2.5
-55 to 150
1.6
66
30
±20
6.6
HEXFET® Power MOSFET
IRF7807VTRPbF-1
Top V iew
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
VDS
30
V
RDS(on) max
(@VGS = 4.5V)
25
Qg (typical)
9.5
nC
ID
(@TA = 25°C)
8.3
A
Features
Benefits
Industry-standard pinout SO-8 Package
Multi-Vendor Compatibility
Compatible with Existing Surface Mount Techniques
Easier Manufacturing
RoHS Compliant, Halogen-Free
Environmentally Friendlier
MSL1, Industrial qualification
Increased Reliability
1
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
October 16, 2014
Form
Quantity
IRF7807VPbF-1
SO-8
Tape and Reel
4000
IRF7807VTRPbF-1
Package Type
Standard Pack
Orderable Part Number
Base Part Number


Similar Part No. - IRF7807VPBF-1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7807VPBF IRF-IRF7807VPBF Datasheet
192Kb / 8P
HEXFET짰 Power MOSFET
IRF7807VPBF IRF-IRF7807VPBF Datasheet
197Kb / 8P
N Channel Application Specific MOSFET
IRF7807VPBF IRF-IRF7807VPBF Datasheet
197Kb / 8P
N Channel Application Specific MOSFET
IRF7807VPBF IRF-IRF7807VPBF_15 Datasheet
197Kb / 8P
N Channel Application Specific MOSFET
More results

Similar Description - IRF7807VPBF-1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7103PBF-1 IRF-IRF7103PBF-1_15 Datasheet
281Kb / 9P
Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
Industry-standard pinout SO-8 Package
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
Industry-standard pinout SO-8 Package
IRF7420PBF-1 IRF-IRF7420PBF-1_15 Datasheet
196Kb / 9P
Industry-standard pinout SO-8 Package
IRF7456PBF-1 IRF-IRF7456PBF-1_15 Datasheet
197Kb / 8P
Industry-standard pinout SO-8 Package
IRF7469PBF-1 IRF-IRF7469PBF-1_15 Datasheet
210Kb / 8P
Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
Industry-standard pinout SO-8 Package
IRF8252PBF-1 IRF-IRF8252PBF-1_15 Datasheet
222Kb / 10P
Industry-standard pinout SO-8 Package
IRF3717PBF-1 IRF-IRF3717PBF-1 Datasheet
258Kb / 10P
Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com