Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7807ZPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7807ZPBF
Description  Control FET for Notebook Processor Power
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7807ZPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF7807ZPBF Datasheet HTML 1Page - International Rectifier IRF7807ZPBF Datasheet HTML 2Page - International Rectifier IRF7807ZPBF Datasheet HTML 3Page - International Rectifier IRF7807ZPBF Datasheet HTML 4Page - International Rectifier IRF7807ZPBF Datasheet HTML 5Page - International Rectifier IRF7807ZPBF Datasheet HTML 6Page - International Rectifier IRF7807ZPBF Datasheet HTML 7Page - International Rectifier IRF7807ZPBF Datasheet HTML 8Page - International Rectifier IRF7807ZPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.irf.com
1
6/29/06
IRF7807ZPbF
HEXFET® Power MOSFET
Notes
 through „ are on page 10
Benefits
l Very Low RDS(on) at 4.5V VGS
l Ultra-Low Gate Impedance
l Fully Characterized Avalanche Voltage
and Current
l 100% Tested for RG
l Lead-Free
Applications
l Control FET for Notebook Processor Power
l Synchronous Rectifier MOSFET for
Graphics Cards and POL Converters in
Networking and Telecommunication
Systems
Top View
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
SO-8
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
f
W
PD @TA = 70°C
Power Dissipation
f
Linear Derating Factor
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
–––
20
°C/W
RθJA
Junction-to-Ambient
f
–––
50
-55 to + 150
2.5
0.02
1.6
Max.
11
8.7
88
± 20
30
PD - 95211B
VDSS
RDS(on) max
Qg(typ.)
30V
13.8m
:@V
GS = 10V
7.2nC


Similar Part No. - IRF7807ZPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7807ZPBF IRF-IRF7807ZPBF Datasheet
214Kb / 10P
HEXFET Power MOSFET
IRF7807ZPBF IRF-IRF7807ZPBF Datasheet
220Kb / 10P
Control FET for Notebook Processor Power
More results

Similar Description - IRF7807ZPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7807ZTRPBF IRF-IRF7807ZTRPBF Datasheet
220Kb / 10P
Control FET for Notebook Processor Power
IRF7807ZTR IRF-IRF7807ZTR Datasheet
266Kb / 10P
Control FET for Notebook Processor Power
IRF7413ZTR IRF-IRF7413ZTR Datasheet
272Kb / 10P
Control FET for Notebook Processor Power
IRF7413ZTRPBF IRF-IRF7413ZTRPBF Datasheet
272Kb / 10P
Control FET for Notebook Processor Power
IRF3717PBF-1 IRF-IRF3717PBF-1_15 Datasheet
258Kb / 10P
Synchronous MOSFET for Notebook Processor Power
IRF7413ZPBF IRF-IRF7413ZPBF_15 Datasheet
289Kb / 10P
Control FET for Notebook Processor Power
IRF7832PBF IRF-IRF7832PBF_15 Datasheet
268Kb / 10P
Synchronous MOSFET for Notebook Processor Power
IRF7842PBF IRF-IRF7842PBF_15 Datasheet
225Kb / 10P
Synchronous MOSFET for Notebook Processor Power
IRF7413ZGPBF IRF-IRF7413ZGPBF Datasheet
292Kb / 10P
Control FET for Notebook Processor Power
logo
Guangdong Youtai Semico...
IRF7807TR UMW-IRF7807TR Datasheet
382Kb / 8P
Control FET for Notebook Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com