Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7809AVPBF-1 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7809AVPBF-1
Description  Industry-standard pinout SO-8 Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7809AVPBF-1 Datasheet(HTML) 1 Page - International Rectifier

  IRF7809AVPBF-1 Datasheet HTML 1Page - International Rectifier IRF7809AVPBF-1 Datasheet HTML 2Page - International Rectifier IRF7809AVPBF-1 Datasheet HTML 3Page - International Rectifier IRF7809AVPBF-1 Datasheet HTML 4Page - International Rectifier IRF7809AVPBF-1 Datasheet HTML 5Page - International Rectifier IRF7809AVPBF-1 Datasheet HTML 6Page - International Rectifier IRF7809AVPBF-1 Datasheet HTML 7Page - International Rectifier IRF7809AVPBF-1 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Top View
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
SO-8
IRF7809AVPbF-1
HEXFET® Power MOSFET
Features
Benefits
Industry-standard pinout SO-8 Package
Multi-Vendor Compatibility
Compatible with Existing Surface Mount Techniques
Easier Manufacturing
RoHS Compliant, Halogen-Free
Environmentally Friendlier
MSL1, Industrial qualification
Increased Reliability
Form
Quantity
Tube/Bulk
95
IRF7809AVPbF-1
Tape and Reel
4000
IRF7809AVTRPbF-1
Package Type
Standard Pack
Orderable Part Number
IRF7809AVPbF-1
SO-8
Base Part Number
Parameter
Symbol
IRF7809A V
Units
Drain-Source Voltage
V
DS
30
V
Gate-Source Voltage
V
GS
±12
Continuous Drain or Source
T
A = 25°C
I
D
13.3
Current (V
GS ≥ 4.5V)
T
L = 90°C
14.6
A
Pulsed Drain Current

I
DM
100
Power Dissipation
T
A = 25°C
P
D
2.5
W
T
L = 90°C
3.0
Junction & Storage Temperature Range
T
J, TSTG
–55 to 150
°C
Continuous Source Current (Body Diode)
I
S
2.5
A
Pulsed Source Current

I
SM
50
Absolute Maximum Ratings
Parameter
Max.
Units
Maximum Junction-to-Ambient
ƒ
R
θJA
50
°C/W
Maximum Junction-to-Lead
R
θJL
20
°C/W
Thermal Resistance
1
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
June 23, 2014
DEVICE CHARACTERISTICS
…
IRF7809AV
R
DS(on)
7.0m
Ω
Q
G
41nC
Q
sw
14nC
Q
oss
30nC


Similar Part No. - IRF7809AVPBF-1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7809AVPBF IRF-IRF7809AVPBF Datasheet
593Kb / 8P
N-Channel Application-Specific MOSFETs
IRF7809AVPBF IRF-IRF7809AVPBF Datasheet
599Kb / 8P
N-Channel Application-Specific MOSFETs
IRF7809AVPBF IRF-IRF7809AVPBF_15 Datasheet
599Kb / 8P
N-Channel Application-Specific MOSFETs
More results

Similar Description - IRF7809AVPBF-1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7103PBF-1 IRF-IRF7103PBF-1_15 Datasheet
281Kb / 9P
Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
Industry-standard pinout SO-8 Package
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
Industry-standard pinout SO-8 Package
IRF7420PBF-1 IRF-IRF7420PBF-1_15 Datasheet
196Kb / 9P
Industry-standard pinout SO-8 Package
IRF7456PBF-1 IRF-IRF7456PBF-1_15 Datasheet
197Kb / 8P
Industry-standard pinout SO-8 Package
IRF7469PBF-1 IRF-IRF7469PBF-1_15 Datasheet
210Kb / 8P
Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
Industry-standard pinout SO-8 Package
IRF8252PBF-1 IRF-IRF8252PBF-1_15 Datasheet
222Kb / 10P
Industry-standard pinout SO-8 Package
IRF3717PBF-1 IRF-IRF3717PBF-1 Datasheet
258Kb / 10P
Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com