Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7902PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7902PBF
Description  Improved Body Diode Reverse Recovery
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7902PBF Datasheet(HTML) 1 Page - International Rectifier

  IRF7902PBF Datasheet HTML 1Page - International Rectifier IRF7902PBF Datasheet HTML 2Page - International Rectifier IRF7902PBF Datasheet HTML 3Page - International Rectifier IRF7902PBF Datasheet HTML 4Page - International Rectifier IRF7902PBF Datasheet HTML 5Page - International Rectifier IRF7902PBF Datasheet HTML 6Page - International Rectifier IRF7902PBF Datasheet HTML 7Page - International Rectifier IRF7902PBF Datasheet HTML 8Page - International Rectifier IRF7902PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.irf.com
1
07/10/06
IRF7902PbF
HEXFET® Power MOSFET
SO-8
Benefits
l Very Low RDS(on) at 4.5V VGS
l Low Gate Charge
l Fully Characterized Avalanche Voltage
and Current
l 20V VGS Max. Gate Rating
l Improved Body Diode Reverse Recovery
l Lead-Free
Applications
l Dual SO-8 MOSFET for POL
Converters in Notebook Computers, Servers,
Graphics Cards, Game Consoles
and Set-Top Box
VDSS
ID
30V
Q1 22.6m
:@V
GS = 10V
6.4A
Q2 14.4m
:@V
GS = 10V
9.7A
RDS(on) max
Absolute Maximum Ratings
Parameter
Q1 Max.
Q2 Max.
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
6.4
9.7
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
5.1
7.8
A
IDM
Pulsed Drain Current
c
51
78
PD @TA = 25°C
Power Dissipation
1.4
2.0
W
PD @TA = 70°C
Power Dissipation
0.9
1.3
Linear Derating Factor
0.011
0.016
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Q1 Max.
Q2 Max.
Units
RθJL
Junction-to-Drain Lead
g
20
20
°C/W
RθJA
Junction-to-Ambient
fg
90
62.5
± 20
30
-55 to + 150
T ÃÃ9!
T ÃÃ9!
9
B
B!
T!
T ÃÃ9!
T!
PD - 97194A


Similar Part No. - IRF7902PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7902PBF IRF-IRF7902PBF Datasheet
261Kb / 10P
HEXFET Power MOSFET
More results

Similar Description - IRF7902PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7904PBF IRF-IRF7904PBF_15 Datasheet
261Kb / 10P
Improved Body Diode Reverse Recovery
IRF7905PBF IRF-IRF7905PBF_15 Datasheet
328Kb / 10P
Improved Body Diode Reverse Recovery
IRF7907PBF IRF-IRF7907PBF_15 Datasheet
325Kb / 10P
Improved Body Diode Reverse Recovery
logo
STMicroelectronics
STB18N60DM2 STMICROELECTRONICS-STB18N60DM2 Datasheet
897Kb / 15P
Fast-recovery body diode
28-Jan-2016
STB45N60DM2AG STMICROELECTRONICS-STB45N60DM2AG Datasheet
546Kb / 15P
Fast-recovery body diode
02-Jul-2015
STD12N50DM2 STMICROELECTRONICS-STD12N50DM2 Datasheet
817Kb / 16P
Fast-recovery body diode
March 2016 Rev 2
STD13N60DM2 STMICROELECTRONICS-STD13N60DM2 Datasheet
839Kb / 16P
Fast-recovery body diode
07-Dec-2016
STF12N50DM2 STMICROELECTRONICS-STF12N50DM2 Datasheet
709Kb / 13P
Fast-recovery body diode
07-Mar-2016
STL19N60DM2 STMICROELECTRONICS-STL19N60DM2 Datasheet
677Kb / 13P
Fast-recovery body diode
08-Aug-2014
logo
Pan Jit International I...
PSDB1560S1 PANJIT-PSDB1560S1 Datasheet
1,012Kb / 5P
Speedy Diode - Short Reverse Recovery Time, Fast Recovery Diode
March 2,2021 PSDB1560S1-REV.00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com