Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC12 Datasheet(PDF) 1 Page - Picker Components

Part # PC12
Description  80 Amp PCB Latching Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC12 Datasheet(HTML) 1 Page - Picker Components

  PC12 Datasheet HTML 1Page - Picker Components PC12 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC10L Rev B 3/XX/15
1 of 2
80 Amp PCB Latching Relay
PC12L
E93379
FEATURES
 Energy Saving Latching Operation
 80 Amp Switching Capacity
 4 kV Dielectric Between Contacts and Coil
 Single or Dual Coil
 Manual Topside Switch
 39.0 x 25.0 x 15.0 mm Package Dimensions,
Narrowest in the Industry
Lead Free and RoHS Compliant
CONTACT DATA
Maximum Switching Power
23,000 VA
Maximum Switching Voltage
350 VAC
Maximum Switching Current
50 A
Material
AgSnO2
Initial Contact Resistance
≤ 20 mΩ
Service Life
Mechanical
5 X 106Operations
Electrical
1 X 105 (60A), 5 X 104 (60A),
ORDERING INFORMATION
CHARACTERISTICS
Operate Time
≤ 15 msec
Release Time
≤ 15 msec
Pulse Magnitude
≥ 50 msec
Insulation Resistance
1,000 MΩ min at 500 VDC
Dielectric Strength
50 Hz 1,500 V Between Contact
50 Hz 4,000 V Between Contacts and Coil
98 m/s2 11 msec Functional
Shock Resistance
980 m/s2 11 msec, Survival
Power Consumption
1.5 W, 2 X 3.0 W
Creep
8 mm
Vibration Resistance
10 - 55 Hz Double Amplitude 1.5 mm
Terminal Strentgh
10 N
Solderability
235 ºC ± 2°C 3 sec ± 0.5 sec
Operating Temperature
- 40 to 70
°C
Storage Temperature
- 40 to 125
°C
Relative Humidity
85% at 40°C
Weight
25 grams
Example:
PC12L
-1A
-3
- Nil
- D
- R
- X
Model: PC12L
Contact Form: 1A
Coil Voltage: 6, 12, 24, 48
Enclosure: Nil: Dust Cover
Coil: Nil: Single Coil 1.5 W, D: Double Coil 2 X 3.0 W
Polarity: Nil: Standard, R: Reverse Polarity
RoHS Compliant: -X
Box Quantity: XXX ; Inner Box YYY
Load Type
Voltage
1 Form A
(SPST-NO)
Resistive
277 VAC
80 A
These ratings are preliminary,
additional ratings under test at UL.


Similar Part No. - PC12

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
PC12 LSTD-PC12 Datasheet
875Kb / 2P
Reliable solid state operation
logo
Superworld Electronics
PC12-100 SUPERWORLD-PC12-100 Datasheet
110Kb / 1P
POWER TRANSFORMER
PC12-2000 SUPERWORLD-PC12-2000 Datasheet
110Kb / 1P
POWER TRANSFORMER
PC12-350 SUPERWORLD-PC12-350 Datasheet
110Kb / 1P
POWER TRANSFORMER
PC12-70 SUPERWORLD-PC12-70 Datasheet
110Kb / 1P
POWER TRANSFORMER
More results

Similar Description - PC12

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ2510 AZETTLER-AZ2510 Datasheet
125Kb / 2P
100 AMP LATCHING POWER RELAY
logo
ZETTLER Electronics
AZ762P ZETTLER-AZ762P Datasheet
70Kb / 3P
20 AMP LATCHING POWER RELAY
logo
Picker Components
PC10 PICKER-PC10 Datasheet
522Kb / 3P
50 Amp Latching PCB Relay
PC10L-50 PICKER-PC10L-50 Datasheet
459Kb / 2P
50 Amp Latching PCB Relay
PC10L-60 PICKER-PC10L-60 Datasheet
458Kb / 2P
60 Amp Latching PCB Relay
PC10L-80 PICKER-PC10L-80 Datasheet
457Kb / 2P
80 Amp PCB Latching Relay
PC25L-200 PICKER-PC25L-200 Datasheet
426Kb / 2P
200 Amp Latching PCB Relay
PCT90EL PICKER-PCT90EL Datasheet
544Kb / 3P
30, 40 or 50 Amp Latching PCB Relay
PC9L-60 PICKER-PC9L-60 Datasheet
1Mb / 3P
60 Amp Latching PCB Relay
PCT90CL PICKER-PCT90CL_17 Datasheet
611Kb / 3P
30, 40 or 50 Amp Latching PCB Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com