Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC521 Datasheet(PDF) 1 Page - Picker Components

Part # PC521
Description  20 Amp Subminiature PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC521 Datasheet(HTML) 1 Page - Picker Components

  PC521 Datasheet HTML 1Page - Picker Components PC521 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC521 4/27/15
1 of 2
E160644 
 20 Amp Subminiature PCB Power Relay
PC521
CONTACT DATA
Material
AgCdO, AgSnO2, AgSnO2 + Gold Plate
Initial Contact Resistance
100 milliohms max @ 0.1 A, 6 VDC
Service Life
Mechanical
1 X 107 Operations
Electrical
1 X 105 Operations
FEATURES
 20 A at 125 VAC and 16 A at 277 VAC Contact Rating
 1 HP at 125 VAC and 250 VAC
 TV8 Rated at 125 VAC
 Class “B” Insulation Standard
 Maximum Switching Power 560 W, 4450 VA
 Popular “Sugar Cube” Footprint
 Sealed, Immersion Cleanable
 Lead Free and RoHS Compliant
Contact
Normally Open
Normally Closed
Inductive Load
1 HP (16 FLA) at 125 VAC
1 HP (8 FLA) at 250 VAC
1/2 HP (9.8 FLA) at 125 VAC
1/2 HP (4.9 FLA) at 250 VAC
Resistive Load
20 A at 125 VAC
100K Cycles
20 A at 125 VAC
30K Cycles
Tungsten Load
TV-8 at 125 VAC
TV-8 at 125 VAC
General Purpose
16 A at 277 VAC, 10 A at 250 VDC 85C 20K Cycles
Max. Switching
Power
560 W, 4450 VA
Max. Switching
Voltage
110 VDC, 380 VAC
Max. Switching
Current
20 A
ORDERING INFORMATION
Operate Time
Less than 10 ms
Release Time
Less than 5 ms
Insulation Resistance
1,000 megohms min, at 500 VDC, 50% RH
Dielectric Strength
3000 Vrms, 1 min. between coil and contacts
1000 Vrms, 1 min. between open contacts
Shock Resistance
10 g, 11 ms, functional; 100 g, destructive
Power Consumption
.36 W & .45 W
CHARACTERISTICS
Vibration Resistance
DA 1.5 mm, 10 - 55 Hz
Terminal Strength
10N
Operating Temperature Class B
- 40 to 85
°C
Relative Humidity
85% at 40°C
Operating Temperature Class F
- 40 to 105
°C
Solderability
235 ºC for 3 seconds
Weight
10 grams
Storage Temperature
- 40°C to 155°C
Example:
PC521
-1A
-12
S
-T
Model: PC521
Terminals: Nil: Single Pins; D: Double Pins
D1: Double Pins (without Pin 7)
Contact Form: 1A, 1B, 1C
Coil Voltage: 3, 6, 9, 12, 24, 48
Enclosure: S: Sealed; C: Dust Cover
Coil Sensitivity: Nil: 360 mW; 45: 450 mW
Insulation System: Nil: Class F (155C); B: Class B (130C)
Contact Material: Nil: AgCdO;T: AgSnO2; G: AgSnO2 + Gold Plate
RoHS Compliant: -X
Box Quantity: 2000; Inner Box: 1000
-X


Similar Part No. - PC521

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC521 PICKER-PC521_17 Datasheet
507Kb / 2P
20 Amp Subminiature PCB Power Relay
More results

Similar Description - PC521

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ947 ZETTLER-AZ947 Datasheet
57Kb / 2P
20 AMP SUBMINIATURE PCB POWER RELAY FOR AUTOMOTIVE USE
logo
Picker Components
PC236 PICKER-PC236_14 Datasheet
200Kb / 2P
Subminiature 10 Amp and 20 Amp PCB Power Relay
logo
ZETTLER Electronics
AZ947 ZETTLER-AZ947_14 Datasheet
44Kb / 2P
20 AMP SUBMINIATURE PCB POWER RELAY FOR AUTOMOTIVE USE
logo
Picker Components
PC236 PICKER-PC236_15 Datasheet
542Kb / 2P
10 Amp & 20 Amp Subminiature PCB Power Relay
PC520 PICKER-PC520_15 Datasheet
855Kb / 2P
20 Amp Subminiature PCB Power Relay
logo
American Zettler, Inc.
AZ947 AZETTLER-AZ947 Datasheet
174Kb / 2P
20 AMP SUBMINIATURE PCB POWER RELAY FOR AUTOMOTIVE USE
logo
Picker Components
PC236 PICKER-PC236_17 Datasheet
3Mb / 2P
10 Amp & 20 Amp Subminiature PCB Power Relay
PC520 PICKER-PC520_17 Datasheet
855Kb / 2P
20 Amp Subminiature PCB Power Relay
PC521 PICKER-PC521_17 Datasheet
507Kb / 2P
20 Amp Subminiature PCB Power Relay
PC835 PICKER-PC835_17 Datasheet
866Kb / 2P
10 Amp Subminiature PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com