Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS20 Datasheet(PDF) 1 Page - Picker Components

Part # PCS20
Description  SIL Printed Circuit Board Mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCS20 Datasheet(HTML) 1 Page - Picker Components

  PCS20 Datasheet HTML 1Page - Picker Components PCS20 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PCS20 Rev A 8/4/15
1 of 2
FEATURES
 Load Current 1.2 or 1.5 Amp
 Load Output Range 48-280VAC
 DC Input: 5 V, 12 V or 24 V
 SIL Printed Circuit Board Mount
 2,000 VAC Opto-Isolation Between Input and Output
 Zero-Cross or Random Turn-On
 Optional RC Snubber
 RoHS Compliant
1.5 Amp Solid State Relay
PCS20
INPUT PARAMETERS (Ta = 25°C)
Control Voltage Range
5
4 - 6 VDC
12
9.6 - 14.4 VDC
24
19.2 - 28.8 VDC
Must Operate Voltage
5
4 VDC
12
9.6 VDC
24
1.0 VDC
Must Release Voltage
1.0 VDC
Maximum Input Current
20 mA
5
270 Ω 
12
750 Ω 
24
1,640 Ω 
Input Resistance
OUTPUT PARAMETERS (Ta = 25°C)
Load Voltage Range
48 VAC to 280 VAC
Load Current Range
0.1 A to 1.5 A
Max. Surge Current (10ms)
25 Apk
Max. Leakage Current
1.5 mA
Max. On-State Voltage Drop
1.5 Vrms
Max. Turn-On Time
Zero Cross
1/2 Cycle + 1 ms
Random
1 ms
Max. Turn-Off Time
1/2 Cycle + 1 ms
600 Vpk
Max. Transient Overvoltage
Off-State dv/dt
200 V/us
Max Zero-Cross Overvoltage
± 15 V
Min. Power Factor
0.5
Max. I2t for Fusing (10 ms)
3.1 A2 s
ORDERING INFORMATION
CHARACTERISTICS
Dielectric Strength (Input to Output)
2,000 VAC, 50 Hz/60 Hz, 1 min
Insulation Resistance
1,000 MΩ at 500 VDC
Vibration Resistance
10 Hz to 55 Hz 1.5 mm DA
Shock Resistance
980 m/s2
Operating Temperature
- 30°C to 80°C
Storage Temperature
- 30°C to 100°C
Ambient Humidity
45% to 85% RH
Weight
3.5 g
Example:  PCS20 ‐12D ‐240A ‐2 
Z 
T ‐241 
 Model:  PCS20
  
  
  
  
  
  
  
 Control Voltage:  5D: 5 VDC, 12D: 12 VDC, 24D: 24 VDC 
  
  
  
  
  
 Load  Voltage:  240A: 240VAC 
  
  
  
  
  
Load Current: 1.2: 1.2 Amp, 1.5: 1.5 Amp   
  
  
  
  
 Switching Type:  Z: Zero Crossing, R:  Random Turn‐On   
  
  
  
  
 RC Snubber: Nil: Without RC Snubber, S*: With RC Snubber   
  
  
  
 Pin Spacing:  Nil: 3‐3‐1mm, 241: 2‐4‐1mm 
      
  
 Note: PCS20 with Snubber is not UL Recognized  
   
 
Box Quan ty: 5,000; Inner Box: 50 
E93379


Similar Part No. - PCS20

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCS20 PICKER-PCS20_17 Datasheet
2Mb / 2P
1.5 Amp Solid State Relay
More results

Similar Description - PCS20

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_340 GLENAIR-050_340 Datasheet
444Kb / 14P
PRINTED CIRCUIT BOARD (PCB) MOUNT
050_352 GLENAIR-050_352 Datasheet
491Kb / 15P
PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050_354 GLENAIR-050_354 Datasheet
491Kb / 15P
PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-320 GLENAIR-050-320 Datasheet
487Kb / 15P
PRINTED CIRCUIT BOARD (PCB) MOUNT
050-321 GLENAIR-050-321 Datasheet
481Kb / 15P
PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-324 GLENAIR-050-324 Datasheet
492Kb / 15P
PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-327 GLENAIR-050-327 Datasheet
519Kb / 15P
PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-328 GLENAIR-050-328 Datasheet
501Kb / 15P
PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-340 GLENAIR-050-340 Datasheet
444Kb / 14P
PRINTED CIRCUIT BOARD (PCB) MOUNT
050-352 GLENAIR-050-352 Datasheet
491Kb / 15P
PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com