Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS33 Datasheet(PDF) 1 Page - Picker Components

Part # PCS33
Description  Solid State Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCS33 Datasheet(HTML) 1 Page - Picker Components

  PCS33 Datasheet HTML 1Page - Picker Components PCS33 Datasheet HTML 2Page - Picker Components PCS33 Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PCS33 Rev A 8/5/15
1 of 3
Solid State Relay
PCS33
OUTPUT PARAMETERS (Ta = 25°C)
Load Voltage Option
D30
D50
D100
D150
D200
D400
D500
50
100
40
80
20
40
80
50
10
40
10
7
12
Load Voltage Range
0 - 30 VDC
0 - 50 VDC
0 - 100 VDC
0 - 150 VDC
0 - 200 VDC
0 - 400 VDC
0 - 500 VDC
Max. Load Current
Min. Load Current 0.02 A
50 A
100 A
40 A
80 A
20 A
40 A
80 A
50 A
10 A
40 A
10 A
7 A
12 A
Max. Off-State Leakage
Current
0.1 mA
0.1 mA
0.1 mA
0.1 mA
0.1 mA
0.1 mA
0.1 mA
Max. On-State Voltage Drop
0.35 V 0.35 V 0.64 V 0.64 V 1.5 V
1.5 V
1.6 V
0.6 V
1 V
1 V
2.4 V
1.9 V
1.5 V
Max. On-State Resistance
7 mΩ 3.5 mΩ 16 mΩ 8 mΩ 75 mΩ 37.5 mΩ 20 mΩ
12 mΩ
105 mΩ 35 mΩ
0.24 mΩ 0.26 mΩ 0.125 mΩ
Max. Turn-On Time
1 ms
Max. Turn-Off Time
0.5 ms
Max. Surge Current (10 ms) 120 Apk 240 Apk 100 Apk 200 Apk 80 Apk 160 Apk 240 Apk 200 Apk
40 Apk 130 Apk
30 Apk
40 Apk
40 Apk
Load Current Option
FEATURES
 Load Current: 7 to 100 A, MOSFET Output
 Load Output Range: 0—500 VDC
 DC Input: 3-32 VDC
 Panel Mount
 Dielectric Strength of 2,500 VAC
 RoHS Compliant
INPUT PARAMETERS (Ta = 25°C)
Control Voltage Range
3 - 32 VDC Without Led
4 - 32 VDC With LED
Must Operate Voltage
3 VDC Without LED
4 VDC With LED
Must Relaeas Voltage
1.0 VDC
Max. Input Current
28 mA at 32 VDC
Must Reverse Voltage
-32 VDC
CHARACTERISTICS
Dielectric Strength
 
2500 VAC, 50 Hz/60 Hz, 1 min.
(Input, Output to Output)
Insulation Resistance 
1000 MΩ at 500 VDC
Operating Temperture
- 30°C to 80°C
Storage Temperature
- 30°C to 100°C
Weight
Approximately 100 g
Vibration Resistance
10 Hz - 55 Hz 1.5 mm DA
Shock Resistance
980 m/s2
ORDERING INFORMATION
Example:
PCS33
-D
100
-10
L
Model: PCS33
Control Voltage: D: 3 - 32 VDC Without LED,
4 - 32 VDC With LED
Load Voltage: 30: 30 VDC; 50: 50 VDC; 100: 100 VDC;
150: 150 VDC; 200: 200 VDC; 400: 400 VDC; 500; 500 VDC
Load Current: 7: 7 A; 10: 10 A; 12: 12 A; 20: 20 A
40: 40 A; 50: 50 A: 80: 80 A; 100: 100 A
Status LED: Nil: Not Included; L: Indicator LED
Box Quantity: 100; Inner Box 2
A/V
30
50
100
150
200
400
500
7
X
X
10
X
X
12
X
20
X
40
X
X
X
50
X
X
80
X
X
100
X
OPTIONS (Load Current - A / Load Voltage - V)


Similar Part No. - PCS33

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCS33 PICKER-PCS33_17 Datasheet
1Mb / 3P
Solid State Relay?봎OSFET DC Voltage Output
More results

Similar Description - PCS33

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
Solid State Relay
06-March-02
logo
COSMO Electronics Corp...
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
SOLID STATE RELAY
KSD205AC3 COSMO-KSD205AC3 Datasheet
197Kb / 2P
SOLID STATE RELAY
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
Solid State Relay
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
Omron Electronics LLC
G3TBOA202PZDC524 OMRON-G3TBOA202PZDC524 Datasheet
395Kb / 8P
Solid State Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com