Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS34 Datasheet(PDF) 1 Page - Picker Components

Part # PCS34
Description  AC Input Solid State Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCS34 Datasheet(HTML) 1 Page - Picker Components

  PCS34 Datasheet HTML 1Page - Picker Components PCS34 Datasheet HTML 2Page - Picker Components PCS34 Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PCS34 AC Input Rev A 8/5/15
1 of 3
AC Input Solid State Relay
PCS34 AC Input
OUTPUT PARAMETERS Continued
240A
480A
Load Voltage Range
48 - 280 VAC
48 - 530 VAC
Max. Transient Voltage
600 Vpk
1,200 Vpk
Max. Off-State Leakage
10 mA
Max. On-State Voltage Drop
1.7 VRMS
Min. Power Factor
0.5
Max. Turn-On Time
20 ms
Max. Turn-Off Time
40 ms
Frequency Range
47 Hz to 63 Hz
Min. Off-State dv/dt
500 V/us
FEATURES
 High Power, Load Currents from 25 to 80 Amps
 Back to Back SCR Design Output
 Dielectric Strength of 4,000 VAC
 Zero Cross or Random Turn-On
 Panel Mount
 AC Input Control
 Optical Isolation Between Input and Output
 RoHS Compliant
INPUT PARAMETERS (Ta = 30°C)
Control Voltage Range
Must Turn-On Voltage
90 VAC
Must Turn-Off Voltage
10 VAC
90 VAC to 280 VAC
CHARACTERISTICS
Dielectric Strength
(50/60 Hz, 1 min)  
4,000 VAC Input to Output
2,500 VAC Input/Output to Base
Insulation Resistance 
1000 MΩ at 500 VDC
Max. Capacitance
8pF (Input to Output)
Operating Temperture
- 30°C to 80°C
Storage Temperature
- 30°C to 100°C
Relative Humidity
45% - 85%
Weight
88g
ORDERING INFORMATION
Example:
PCS34
-A
240A
-25
Z
L
Model: PCS34 (AC Input, AC Output)
Control Voltage: A: 90-280VAC
Load Voltage: 240A: 48-280VAC, 480A: 48-530VAC
Load Current: 10: 10 Amp, 20: 20 Amp; 25: 25 Amp, 40: 40 Amp;
50: 50 Amps; 60: 60 Amp, 70: 70 Amp, 80: 80 Amp
Switching Type: Z: Zero Crossing, R: Random Turn-On
Over Voltage Protection: Nil: None, Y: With Varistor
Status LED: Nil: Not Included, L: Indicator LED
Terminal Type Nil: Screw Terminal Q: Quick Connect* (1/4" Control, 3/8" Power)
Box Quantity: 100; Inner Box: 2
UL Life Testing
Load Type
Load Voltage
Output Current
Resistive 100k Cycles
280 VAC 50/60 HZ
50 Amps at 30°C
Model: PCS34-A-240A-40-xxx
Load Current Range
10 A
20 A
25 A
40 A
50 A
60 A
70 A
80 A
100 A
Max. Surge Current (10 ms)
100
200
250
400
500
600
700
800
1,000
Max. I2t(10 ms A2s
200
400
500
800
1,250
1,800
2,450
3,200
3,200
OUTPUT PARAMETERS (Ta = 30°C)
For Accessories and
Heat Sink see page 3
E93379


Similar Part No. - PCS34

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCS34-AC PICKER-PCS34-AC Datasheet
1Mb / 3P
AC Input Solid State Relay
PCS34-DC PICKER-PCS34-DC Datasheet
1Mb / 3P
DC Input Solid State Relay
PCS340A1 PICKER-PCS340A1 Datasheet
190Kb / 2P
Double SCR Solid State Relay
PCS340A1-1 PICKER-PCS340A1-1 Datasheet
190Kb / 2P
Double SCR Solid State Relay
PCS340A1L PICKER-PCS340A1L Datasheet
190Kb / 2P
Double SCR Solid State Relay
More results

Similar Description - PCS34

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1945Y CLARE-CPC1945Y Datasheet
122Kb / 4P
AC Solid State Relay
CPC1965G CLARE-CPC1965G Datasheet
121Kb / 4P
AC Solid State Relay
logo
List of Unclassifed Man...
JC202PC2 ETC1-JC202PC2 Datasheet
66Kb / 4P
AC Solid State Relay
logo
Sensitron
SCP-5285 SENSITRON-SCP-5285 Datasheet
55Kb / 3P
AC SOLID STATE RELAY
logo
celduc-relais
STA07220 CELDUC-STA07220 Datasheet
79Kb / 2P
AC Solid State Relay
logo
Clare, Inc.
CPC1945Y CLARE-CPC1945Y_1 Datasheet
92Kb / 4P
AC Solid State Relay
logo
Solid State Optronic
STR8043 SSOUSA-STR8043 Datasheet
374Kb / 8P
AC Solid State Relay
logo
Picker Components
PCS15 PICKER-PCS15_17 Datasheet
1Mb / 3P
AC/DC Input Solid State Relay
PCS34-AC PICKER-PCS34-AC Datasheet
1Mb / 3P
AC Input Solid State Relay
logo
Willow Technologies Ltd
SERIESCA WILLOW-SERIESCA Datasheet
182Kb / 4P
AC Solid-State Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com