Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-255 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-255
Description  GaAs SP4T Switch 5 - 2000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-255 Datasheet(HTML) 2 Page - Tyco Electronics

  SW-255 Datasheet HTML 1Page - Tyco Electronics SW-255 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
2
Specifications Subject to Change Without Notice.
GaAs SP4T Switch
SW-255
0.005
0.5
1.0
1.5
2.0
Typical Performance
2.0
1.5
1.0
0.5
0
80
70
60
50
40
30
20
0.005
0.5
1.0
1.5
2.0
2.0
1.8
1.6
1.4
1.2
1.0
0.005
0.5
1.0
1.5
2.0
INSERTION LOSS
ISOLATION
VSWR
+85°C
-55°C
+25°C
FREQUENCY GHz
0.005
0.5
1.0
1.5
2.0
Typical Performance
2.0
1.5
1.0
0.5
0
80
70
60
50
40
30
20
0.005
0.5
1.0
1.5
2.0
2.0
1.8
1.6
1.4
1.2
1.0
0.005
0.5
1.0
1.5
2.0
INSERTION LOSS
ISOLATION
VSWR
+85°C
-55°C
+25°C
FREQUENCY GHz
V3.00



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com