Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-259PIN Datasheet(PDF) 3 Page - Tyco Electronics

Part # SW-259PIN
Description  GaAs SPST Switch DC - 2.5 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-259PIN Datasheet(HTML) 3 Page - Tyco Electronics

  SW-259PIN Datasheet HTML 1Page - Tyco Electronics SW-259PIN Datasheet HTML 2Page - Tyco Electronics SW-259PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GaAs SPST Switch
SW-259
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 3 3263 8761
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 3 3263 8769
Fax +44 (1344) 300 020
3
Specifications Subject to Change Without Notice.
V3.00
0
-5
-10
-15
-20
-25
-30
-35
-40
0
0.2
0.4
0.6
0.8
1
FREQUENCY (GHz)
S22 (On) vs FREQUENCY
0
-10
-20
-30
-40
-50
-60
-70
-80
0
0.2
0.4
0.6
0.8
1
FREQUENCY (GHz)
ISOLATION vs FREQUENCY
0
-2
-4
-6
-8
-10
-12
-14
-16
-18
0
0.2
0.4
0.6
0.8
1
FREQUENCY (GHz)
S22 (Off) vs FREQUENCY
0
-5
-10
-15
-20
-25
-30
-35
-40
0
0.2
0.4
0.6
0.8
1
FREQUENCY (GHz)
S11 (On) vs FREQUENCY
Swept Data Characterized in 75 Ohms



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com