Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-277 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-277
Description  High Power GaAs SPDT Switch DC - 2.5 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-277 Datasheet(HTML) 2 Page - Tyco Electronics

  SW-277 Datasheet HTML 1Page - Tyco Electronics SW-277 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
High Power GaAs SPDT Switch
SW-277
V3.00
Absolute Maximum Ratings
Pin Configuration
Pin No.
Description
1
GND, Thermal Contact
2
+V Supply
31
RF Common
4
GND, Thermal Contact
51
RF1
6A
7B
81
RF2
Control Inputs
Condition of Switch
RF Common to Each RF Port
A
B
RF1
RF2
10
Off
On
0
1
On
Off
Truth Table
Two Tone IP3 Measurements
1. Operation of this device above any one of these parameters may cause
permanent damage.
2. Thermal resistance is given for TA = 25°C. TCASE is the temperature of
leads 1 and 4.
Parameter
Absolute Maximum
Max. Input Power
0.5 – 2.0 GHz
5V Control and Supply
+37 dBm
8V Control and Supply
+40 dBm
10V Control and Supply
+42 dBm
Power Dissipation
1.0 W
Supply Voltage
-1V, +12V
Control Voltage
-1V, Vsupply + 0.2V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Thermal Resistance2:
θjc = 87 °C/W
"0" – 0 to +0.2V @ 20 µA max.
"1" – +5V @ 20 µA Typ to 10V @ 500 µA max.
Supply &
Input
3rd Order
Second
Control
Power
Intermodulation
IP3
Harmonic
Voltage
(dBm)
Products (dBc)
(dBm)
(dBc)
0,5V
+27
-32
+43
-74
0,6V
+27
-45
+49.5
-77
0,7V
+27
-58
+56
-79
0,8V
+27
-72
+63
-79
0,10V
+27
-72
+63
-81
0,5V
+28
-30
+43
-69
0,6V
+28
-40
+48
-76
0,7V
+28
-53
+54.5
-78
0,8V
+28
-64
+60
-79
0,10V
+28
-72
+64
-80
0,5V
+29
-28
+43
-59
0,6V
+29
-37
+47.5
-74
0,7V
+29
-49
+53.5
-75
0,8V
+29
-50
+54
-75
0,10V
+29
-50
+54
-75
0,5V
+30
-36
+43
-67
0,6V
+30
-46
+48
-73
0,7V
+30
-50
+53
-75
0,8V
+30
-50
+55
-75
0,10V
+30
-50
+55
-75
8
7
6
5
1
4
3
2
RFC
B
+V
GND
Thermal
Contact
RF2
A
GND
Thermal
Contact
RF1
Functional Schematic
INSERTION LOSS vs. FREQUENCY
FREQUENCY (GHz)
2.0
1.5
1.0
0.5
0
0
0.5
1.0
1.5
2.5
+85°C
+25°C
-40°C
2.0
ISOLATION vs. FREQUENCY
FREQUENCY (GHz)
80
60
40
20
0
0
0.5
1.0
1.5
2.5
70
50
30
10
2.0
VSWR vs. FREQUENCY
FREQUENCY (GHz)
2.0
1.8
1.6
1.4
1.0
0
0.5
1.0
1.5
2.0
1.2
COMPRESSION vs. CONTROL VOLTAGE (900 MHz)
CONTROL VOLTAGE (Volts)
40
35
30
25
10
3.0
4.0
5.0
6.0
10.0
20
15
7.0
8.0
9.0
1.0 dB Compression
0.1 dB Compression
Typical Performance
1. External DC blocking capacitors required
on all RF ports.
ISOLATION VS FREQUENCY
VSWR VS FREQUENCY
INSERTION LOSS VS FREQUENCY
COMPRESSION VS CONTROL VOLTAGE (900MHz)
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 3 3263 8761
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 3 3263 8769
Fax +44 (1344) 300 020
2
Specifications Subject to Change Without Notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com