Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-279 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-279
Description  High Power GaAs SPDT Switch DC - 2.5 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-279 Datasheet(HTML) 2 Page - Tyco Electronics

  SW-279 Datasheet HTML 1Page - Tyco Electronics SW-279 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
High Power GaAs SPDT Switch
SW-279
V2.00
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 3 3263 8761
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 3 3263 8769
Fax +44 (1344) 300 020
2
Specifications Subject to Change Without Notice.
Pin Configuration
Functional Schematic
Pin No.
Description
1
GND, Thermal Contact
2
GND
3
RF Common
4
GND, Thermal Contact
5
RF1
6A
7B
8
RF2
1. Operation of this device above any one of these parameters may
cause permanent damage.
2. Thermal resistance is given for TA = 25°C. TCASE is the temperature of
leads 1 and 4.
Parameter
Absolute Maximum1
Max. Input Power
0.5 – 2.0 GHz
5V Control and Supply
+37 dBm
8V Control and Supply
+40 dBm
10V Control and Supply
+42 dBm
Power Dissipation
1.0 W
Control Voltage
-12V, +1V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Thermal Resistance2:
θjc = 87 °C/W
8
7
6
5
1
4
3
2
RFC
B
GND
Thermal
Contact
RF2
A
GND
Thermal
Contact
RF1
GND
ISOLATION vs. FREQUENCY
FREQUENCY (GHz)
60
40
20
0
0
0.5
1.0
1.5
2.0
70
50
30
10
2.5
VSWR vs. FREQUENCY
FREQUENCY (GHz)
1.5
1.4
1.3
1.2
1.0
0
0.5
1.0
1.5
2.5
1.1
2.0
Typical Performance
ISOLATION VS FREQUENCY
VSWR VS FREQUENCY
Absolute Maximum Ratings
INSERTION LOSS vs. FREQUENCY
FREQUENCY (GHz)
1.0
.75
0.5
0.25
0
0
0.5
1.0
1.5
2.5
+85°C
+25°C
-40°C
2.0
COMPRESSION vs. CONTROL VOLTAGE (900 MHz)
CONTROL VOLTAGE (Volts)
40
35
30
25
10
-3.0 -4.0
-5.0
-6.0
-10.0
20
15
-7.0
-8.0
-9.0
0.1 dB Compression
1.0 dB Compression
Input
3rd Order
Second
Bias
Power
Intermodulation
IP3
Harmonic
Voltage
(dBm)
Products (dBC)
(dBm)
(dBc)
0,-5V
+27
-34
+44
-61
0,-6V
+27
-49
+51
-61
0,-7V
+27
-64
+59
-63
0,-8V
+27
-65
+59
-63
0,-10V
+27
-66
+60
-63
0,-5V
+28
-30
+43
-58
0,-6V
+28
-41
+48.5
-58
0,-7V
+28
-52
+54
-57
0,-8V
+28
-60
+58
-57
0,-10V
+28
-60
+58
-57
0,-5V
+29
-28
+43
-54
0,-6V
+29
-34
+46
-54
0,-7V
+29
-44
+51
-54
0,-8V
+29
-52
+55
-54
0,-10V
+29
-52
+55
-54
0,-5V
+30
-26
+43
-52
0,-6V
+30
-32
+46
-51
0,-7V
+30
-38
+49
-51
0,-8V
+30
-44
+52
-51
0,-10V
+30
-44
+52
-51
Control Inputs1
Condition of Switch
RF Common to Each RF Port
A
B
RF1
RF2
1
0
On
Off
0
1
Off
On
Truth Table
1. 0 – 0 to -0.2V @ 20 µA max.
1 – -5V @ 50 µA Typ to -10V @ 800 µA max.
COMPRESSION VS CONTROL VOLTAGE (900 MHZ)
ISERTION LOSS VS FREQUENCY
Two Tone IP
3 Measurements



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com