Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-289 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-289
Description  GaAs DPDT Switch DC - 2 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-289 Datasheet(HTML) 2 Page - Tyco Electronics

  SW-289 Datasheet HTML 1Page - Tyco Electronics SW-289 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V 2.00
GaAs DPDT Switch
SW-289
Functional Schematic
Truth Table
Electrical Schematic
Control Input
Condition of Switch
A
B
RF1 TO
RF6 TO
RF2
RF3
RF4
RF 5
1
0
On
Off
On
Off
0
1
Off
On
Off
On
Absolute Maximum Ratings1
1.Operation of this device above any one of these parameters may cause per-
manent damage.
Parameter
Absolute Maximum
Max. Input Power
0.05 GHz
+27 dBm
0.5 – 2.0 GHz
+34 dBm
Control Voltage
+5 V, -8.5 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Pin Configuration
Pin No.
Description
1
RF3
2
GND
3
RFI
4
GND
5
RF2
6
GND
7
A
Pin No.
Description
8
B
9
GND
10
RF4
11
GND
12
RF6
13
GND
14
RF5
Typical Performance
"0" – 0 – -0.2V @ 20 µA max.
"1" – -5V @ 40 µA Typ to -8V @ 900 µA max.
GND



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com