Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-313 Datasheet(PDF) 3 Page - Tyco Electronics

Part # SW-313
Description  Matched GaAs SPDT Switch, DC - 3 GHz with TTL/CMOS Control Input
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-313 Datasheet(HTML) 3 Page - Tyco Electronics

  SW-313 Datasheet HTML 1Page - Tyco Electronics SW-313 Datasheet HTML 2Page - Tyco Electronics SW-313 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Matched GaAs SPDT Switch, DC - 3 GHz with TTL/CMOS Control Input
SW-313
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 3.00
Typical Performance Curves
Isolation vs. Frequency
Insertion Loss vs. Frequency
VSWR vs. Frequency
3
Ordering Information
Part Number
Package
SW-313
CR-9
0.00
0.50
1.00
1.50
2.00
0.0
0.5
1.0
1.5
2.0
2.5
3
Frequency (GHz)
0
10
20
30
40
50
60
70
80
0.0
0.5
1.0
1.5
2.0
2.5
3
Frequency (GHz)
1.00
1.20
1.40
1.60
1.80
2.00
2.20
0.0
0.5
1.0
1.5
2.0
2.5
3
Frequency (GHz)
VSWR (On)
VSWR (Off)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com