Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-337TR Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SW-337TR
Description  GaAs SPDT Terminated Switch DC - 2.5 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SW-337TR Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SW-337TR Datasheet HTML 1Page - List of Unclassifed Manufacturers SW-337TR Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GaAs SPDT Terminated Switch
SW-337, SW-338, SW-339
V2.00
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
2
Specifications Subject to Change Without Notice.
Parameter
Absolute Maximum1
Max. Input Power
0.05 GHz
+27 dBm
0.5 – 2.0 GHz
+34 dBm
Control Voltage
+5V, -8.5V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings
Pin Configuration
SW-337
SW-338
SW-339
Truth Table
Typical Performance @ +25°C
1. Operation of this device above any one of these parameters may
cause permanent damage.
8
7
6
5
1
4
3
2
RF1
GND
GND
RFC
GND
RF2
B
A
8
7
6
5
1
4
3
2
RF1
GND
GND
RFC
GND
RF2
A
B
5
4
AB
6
3
RF1
RF2
7
2
GND
GND
RFC
GND
8
1
RF1
RF COM
Q1
Q2
Q3
Q4
RF2
AB
Q6
Q5
Q8
Q7
T1
G1
G2
T2
FREQUENCY (GHz)
2.0
1.5
1.0
0.5
0
0
0.5
1.0
1.5
2.0
2.5
ISOLATION vs FREQUENCY
VSWR vs FREQUENCY
INSERTION LOSS vs FREQUENCY
SW-337, SW-338
SW-339
FREQUENCY (GHz)
2.0
1.8
1.6
1.4
1.2
1.0
0
0.5
1.0
1.5
2.0
2.5
RCF, RF1, RF2 On
RF1, RF2 Off
80
70
60
50
40
30
20
10
0
0
0.5
1.0
1.5
2.0
2.5
FREQUENCY (MHz)
Pin
Pin
Pin
No. Description
No. Description
No. Description
1
A
1
B
1
RF Common
2
RF Common
2
RF Common
2
GND
3
B
3
A
3
RF1
4
GND
4
GND
4
A
5
RF1
5
RF1
5
B
6
GND
6
GND
6
RF2
7
GND
7
GND
7
GND
8
RF2
8
RF2
8
GND
Condition of Switch
Control Inputs
RF Common to Each RF Port
A
B
RF1
RF2
1
0
ON
OFF
0
1
OFF
ON
"0" – 0 – -0.2V @ 20 µA max.
"1" – -5V @ 30 µA Typ to -8V @ 720 µA max.
SW-337, SW-338
SW-339
Functional Schematics
Electrical Schematic
SW-339
SW-337
SW-338



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com