Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-394 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-394
Description  GaAs SPDT High Isolation Terminated Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-394 Datasheet(HTML) 2 Page - Tyco Electronics

  SW-394 Datasheet HTML 1Page - Tyco Electronics SW-394 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GaAs SPDT High Isolation Terminated Switch, 0.5 - 2.0 GHz
SW-394
V3.00
North America: Tel. (800) 366-2266, Fax (800) 618-8883
Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
0.51
1.52
2.53
FREQUENCY (GHz)
INPUT
OUTPUT INSERTION
OUTPUT ISOLATION
0
5
10
15
20
25
30
35
40
45
50
0.5
1
1.522.5
3
FREQUENCY (GHz)
0
1
2
3
4
5
6
0.5
1
1.5
2
2.5
3
FREQUENCY (GHz)
Parameter
Absolute Maximum
Input Power
+34 dBm
Operating Voltage(VS, VA, VB)
+8.5 Volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings
1
1.
Exceeding any one or a combination of these limits may cause
permanent damage.
Typical Performance Curves
Insertion Loss vs. Frequency
VSWR vs. Frequency
Isolation vs Frequency
Functional Schematic
1
Control Input A
Control Input B
RFC - RF2
RFC - RF1
0
1
Off
On
1
0
On
Off
Truth Table
“0” = ±0.2 Vdc
“1” = +5±0.2 Vdc
Vs = +5±0.2 Vdc
30
µA max. current total
1.
Blocking capacitors are required on all RF ports. VS can be
applied at any RF port using 10K or greater pull-up resistor.
8
76
5
1
3
2
4
RF2
GND
GND
RF1
AGND
RFC
B
Vs
10k
50
====Ω
50
====Ω



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com