Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-395 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-395
Description  3 Volt GaAs SPDT Switch DC - 2.0 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-395 Datasheet(HTML) 2 Page - Tyco Electronics

  SW-395 Datasheet HTML 1Page - Tyco Electronics SW-395 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3 Volt GaAs SPDT Switch, DC - 2.0 GHz
SW-395
M/A-COM Division of AMP Incorporated
3 North America: Tel. (800) 366-2266, Fax (800) 618-8883 3 Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087
3 Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
V2.00
ISOLATION vs FREQUENCY
0
5
10
15
20
25
30
35
40
45
50
00.5
11.5
22.5
33.5
FREQUENCY (GHz)
VSWR vs FREQUENCY
1
1.1
1.2
1.3
1.4
1.5
0
0.5
1
1.5
2
2.5
3
3.5
FREQUENCY (GHz)
INSERTION LOSS vs FREQUENCY
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
00.5
11.5
22.5
33.5
FREQUENCY (GHz)
Parameter
Absolute Maximum
Input Power
+33 dBm
Operating Voltage
+8.5 Volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings
1
1.
Exceeding any one or a combination of these limits may cause
permanent damage.
Typical Performance Curves
Insertion Loss vs. Frequency
VSWR vs. Frequency
Functional Schematic
1
Mode
(Control)
Control
A
Control
B
RFC - RF1
RFC - RF2
Positive
1
0±0.2V
+3V to +8V
+3V to +8V
0±0.2V
Off
On
On
Off
Positive/
Negative
1,2
-Vc±0.2V
+Vc
+Vc
-Vc±0.2V
On
Off
Off
On
Negative
3
0±0.2V
-3V to -8V
-3V to -8V
0±0.2V
On
Off
Off
On
Truth Table
1. External DC blocking capacitors are required on all RF ports.
2. |-Vc|< 8 V.
3. If negative control is used, DC blocking capacitors are not re-
quired on RF ports.
R F1
G N D
R F2
VA
RFC
VB
PIN 1
Isolation vs Frequency
1. DC blocking capacitors not required if negative control voltage is
used.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com