Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-456 Datasheet(PDF) 3 Page - Tyco Electronics

Part # SW-456
Description  GaAs SPDT Switch DC - 3.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-456 Datasheet(HTML) 3 Page - Tyco Electronics

  SW-456 Datasheet HTML 1Page - Tyco Electronics SW-456 Datasheet HTML 2Page - Tyco Electronics SW-456 Datasheet HTML 3Page - Tyco Electronics SW-456 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GaAs SPDT Switch, DC - 3.0 GHz
SW-456
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266, Fax (800) 618-8883
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 2.00
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
FREQUENCY (GHz)
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
FREQUENCY (GHz)
+85°C
-40°C
+25°C
-1.0
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
FREQUENCY (GHz)
+85°C
+25°C
-40°C
-40.0
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
FREQUENCY (GHz)
-1.0
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
FREQUENCY (GHz)
0
-50.0
-45.0
-40.0
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
FREQUENCY (GHz)
Typical Performance Curves (Cont’d)
3
Insertion Loss vs. Frequency Over
Temperature
VSWR Over Temperature
Isolation vs. Frequency Over
Temperature
Insertion Loss vs. Frequency
(+2.3 V Control, 1000 pF Capacitor
on RF Ports)
Isolation vs. Frequency (+2.3 V Control,
1000 pF Capacitor on RF Ports)
VSWR vs. Frequency (+2.3 V Control,
1000 pF Capacitor on RF Ports)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com